Electronic Components Datasheet Search
  English  ▼

X  

PAM2811BJER Datasheet(PDF) 11 Page - Power Analog Micoelectronics

Part # PAM2811BJER
Description  4-Channel Single-Wire Dimming LED Drive with Ultra Low Dropout Current Sink
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2811BJER Datasheet(HTML) 11 Page - Power Analog Micoelectronics

Back Button PAM2811BJER Datasheet HTML 4Page - Power Analog Micoelectronics PAM2811BJER Datasheet HTML 5Page - Power Analog Micoelectronics PAM2811BJER Datasheet HTML 6Page - Power Analog Micoelectronics PAM2811BJER Datasheet HTML 7Page - Power Analog Micoelectronics PAM2811BJER Datasheet HTML 8Page - Power Analog Micoelectronics PAM2811BJER Datasheet HTML 9Page - Power Analog Micoelectronics PAM2811BJER Datasheet HTML 10Page - Power Analog Micoelectronics PAM2811BJER Datasheet HTML 11Page - Power Analog Micoelectronics PAM2811BJER Datasheet HTML 12Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM2811
4-Channel Single-Wire Dimming LED Drive with
Ultra Low Dropout Current Sink
Outline Dimensions
SOT23-8
(TYP)
(REF.)
L1 REF.)
(
Min
Max
A
1.45 MAX
A1
0
0.10
D
2.70
3.10
E
2.60
3.00
E1
1.40
1.80
e
e1
0.33 (REF)
b
0.22
0.38
c
0.12 (REF)
L
0.30
0.60
θ
0°
10°
Symbol
Dimensions In Millimet
Dimensions In Millimet ers
0.65 (REF)
A2
1.10
1.30
L1
0.60 (REF)
Dimensions In Millimet
Dimensions In Millimet ers
Symbol
Min
Max
03/2010 Rev1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com