Electronic Components Datasheet Search
  English  ▼

X  

PAM8001 Datasheet(PDF) 1 Page - Power Analog Micoelectronics

Part # PAM8001
Description  Anti-Saturation Filterless 2W Class-D Stereo Amplifier with DC VolumeControl
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8001 Datasheet(HTML) 1 Page - Power Analog Micoelectronics

  PAM8001 Datasheet HTML 1Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PAM8001
Anti-Saturation Filterless 2W Class-D Stereo Amplifier with DC
VolumeControl and Max Output Power Setting
Key Features
Applications
2W Output at 1% THD with a 4
Load at 5V
Power Supply
Filterless, Low Quiescent Current and Low
EMI
Low THD+N
64-step DC Volume Control
Unique Anti-Saturation Function
Adjustable Max Output Power with No
Clipping
Superior Low Noise
Low Pop Noise
Efficiency up to 90%
Short Circuit Protection
Thermal Shutdown
Few External Components to Save the
Space and Cost
LCD Monitors / TV Projectors
Notebook Computers
Portable Speakers
Portable DVD Players, Game Machines
VoIP/Speaker Phones
All in one computer /TV
Ω
n
n
n
n
n
n
n
n
n
n
n
n
n
n
n
n
n
n
n
Pb-Free Package
Ordering Information
Part Numb er
Package Type
PAM8001NH R
SSOP-24L
PAM8001XHR
QFN3* 3-20L
Pin Configuration
QFN3*3-20L
Top View
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
-OUT_L
PVDDL
VDD
INL
VREF
INR
GND
PVDDR
P8001
XXXY
SHDN
MUTE
SSOP24L
Top View
+OUT_L
PGNDL
PGNDL
-OUT_L
PVDDL
MUTE
VDD
INL
VDC
VDD/2
VOLUME
INR
GND
SHDN
PVDDR
-OUT_R
PGNDR
PGNDR
+OUT_R
16
1
2
3
4
5
6
7
9
10
11
13
15
18
19
20
21
22
23
24
12
14
8
17
VREF
VPL
ANTI
NC
NC
Typical Application Circuit
MUTE
-
-OUTR
+OUT R
VDC
-
-OUT L
+OUT L
VDD
VDD/2
DC Volume
PVDDL
PGNDL
PGNDL
PVDDR
0.47 F
μ
INL
PGNDR PGNDR
INR
GND
INL
PAM8001
INR
SHDN
MUTE
VDD
VOLUME
SHDN
ON
ON
PVDD L
0.47 F
μ
1 F
μ
1 F
μ
1 F
μ
1 F
μ
10 F
μ
VPL
VREF
ANTI-ON
ANTI
AN TI-OFF
R1
R2
10nF
10 F
μ


Similar Part No. - PAM8001

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM8001 DIODES-PAM8001 Datasheet
716Kb / 17P
ANTI-SATURATION FILTERLESS 2W CLASS-D STEREO AMPLIFIER
Rev 1
PAM8001NHR DIODES-PAM8001NHR Datasheet
716Kb / 17P
ANTI-SATURATION FILTERLESS 2W CLASS-D STEREO AMPLIFIER
Rev 1
PAM8001XHR DIODES-PAM8001XHR Datasheet
716Kb / 17P
ANTI-SATURATION FILTERLESS 2W CLASS-D STEREO AMPLIFIER
Rev 1
More results

Similar Description - PAM8001

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1701CLQ MICROSEMI-LX1701CLQ Datasheet
445Kb / 20P
2W Filterless Mono Class-D Audio Amplifier
logo
Analog Devices
SSM2356 AD-SSM2356 Datasheet
639Kb / 16P
2 횞 2W Filterless Class-D Stereo Audio Amplifier
REV. 0
logo
Microsemi Corporation
LX1701 MICROSEMI-LX1701_05 Datasheet
454Kb / 20P
2W Filterless Mono Class-D Audio Amplifier
logo
Power Analog Micoelectr...
PAM8003 PAM-PAM8003 Datasheet
62Kb / 1P
Filterless 2W Class-D Stereo Audio Amplifier
logo
Analog Devices
SSM2356CBZ-RL AD-SSM2356CBZ-RL Datasheet
505Kb / 16P
2 x 2W Filterless Class-D Stereo Audio Amplifier
REV. A
SSM2356CBZ-RL AD-SSM2356CBZ-RL Datasheet
505Kb / 16P
2 x 2W Filterless Class-D Stereo Audio Amplifier
REV. A
logo
Diodes Incorporated
PAM8603A DIODES-PAM8603A Datasheet
545Kb / 16P
ANTI-SATURATION FILTERLESS 3W CLASS-D STEREO AMPLIFIER WITH DC VOLUME CONTROL AND HEADPHONE OUTPUT
Rev 1
PAM8001 DIODES-PAM8001 Datasheet
716Kb / 17P
ANTI-SATURATION FILTERLESS 2W CLASS-D STEREO AMPLIFIER
Rev 1
logo
Analog Devices
SSM2306 AD-SSM2306_16 Datasheet
416Kb / 16P
2W, Filterless, Class-D Stereo Audio Amplifier
6/2016-Rev. 0 to Rev. A
SSM2380 AD-SSM2380 Datasheet
691Kb / 32P
Filterless, Stereo, Class-D Audio Amplifier
2/11-Rev. 0 to Rev. A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com