Electronic Components Datasheet Search
  English  ▼

X  

PAM8010 Datasheet(PDF) 10 Page - Power Analog Micoelectronics

Part # PAM8010
Description  3W Stereo Class-D with DC Volume, Headphone and Power Limit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8010 Datasheet(HTML) 10 Page - Power Analog Micoelectronics

Back Button PAM8010 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8010 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8010 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8010 Datasheet HTML 9Page - Power Analog Micoelectronics PAM8010 Datasheet HTML 10Page - Power Analog Micoelectronics PAM8010 Datasheet HTML 11Page - Power Analog Micoelectronics PAM8010 Datasheet HTML 12Page - Power Analog Micoelectronics PAM8010 Datasheet HTML 13Page - Power Analog Micoelectronics PAM8010 Datasheet HTML 14Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
- 130
- 125
- 120
- 115
- 110
- 105
- 100
- 95
- 90
- 85
- 80
- 75
- 70
- 65
- 60
- 55
d
B
r
A
20
20 k
50
100
200
500
1k
2k
5 k
10 k
Hz
-20
- 8
-19
-18
-17
-16
-15
-14
-13
-12
-11
-10
- 9
d
B
r
A
20
20k
50
100
200
500
1k
2k
5 k
10k
Hz
10
Typical Operating Characteristics (continued)
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM8010
3W Stereo Class-D with
DC Volume, Headphone and Power Limit
05/2011 Rev1.0
8. Noise Floor
7.Frequency Response
9.Gain Step
Cin=0.1uF
Cin=0.47uF
Cin=1uF
VDD =2.5V/3.3V/3.6V/
4.2V/5.0V/5.5V
-80
-70
-60
-50
-40
-30
-20
-10
0
10
0
20
40
60
80
Step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com