Electronic Components Datasheet Search
  English  ▼

X  

PAM8302A Datasheet(PDF) 2 Page - Power Analog Micoelectronics

Part # PAM8302A
Description  2.5W Filterless Class-D Mono Audio Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8302A Datasheet(HTML) 2 Page - Power Analog Micoelectronics

  PAM8302A_13 Datasheet HTML 1Page - Power Analog Micoelectronics PAM8302A_13 Datasheet HTML 2Page - Power Analog Micoelectronics PAM8302A_13 Datasheet HTML 3Page - Power Analog Micoelectronics PAM8302A_13 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8302A_13 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8302A_13 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8302A_13 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8302A_13 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8302A_13 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Block Diagram
2
Pin Configuration & Marking Information
Power Analog Microelectronics, Inc
www.poweranalog.com
PAM8302A
2.5W Filterless Class-D Mono Audio Amplifier
1
2
3
4
5
6
7
8
Top View
MSOP-8/SOP-8
X: Internal Code
Y: Year
W: Week
1
2
3
4
5
6
7
8
P8302A
XXXXYW
Top View
DFN3x3
SD
NC
IN+
IN-
VO-
GND
VDD
VO+
SD
NC
IN+
IN-
VO-
GND
VDD
VO+
IN+
SD
VO-
VO+
MODULATOR
DRIVER
INTERNAL
OSCILLATOR
OSC
THERMAL
PROTECTION
SHORT
PROTECTION
GND
VDD
SHUTDOWN
IN-
09/2011 Rev1.5
Top View
DFN2X2
1
2
3
4
8
7
6
5
BQ: Product Code
Y: Year
W: Weekly
VO+
VDD
EN
IN-
VO-
PGND
AGND
IN+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com