Electronic Components Datasheet Search
  English  ▼

X  

PAM8620 Datasheet(PDF) 10 Page - Power Analog Micoelectronics

Part # PAM8620
Description  15W Stereo Class-D Audio Power Amplifier with Power Limit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8620 Datasheet(HTML) 10 Page - Power Analog Micoelectronics

Back Button PAM8620 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8620 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8620 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8620 Datasheet HTML 9Page - Power Analog Micoelectronics PAM8620 Datasheet HTML 10Page - Power Analog Micoelectronics PAM8620 Datasheet HTML 11Page - Power Analog Micoelectronics PAM8620 Datasheet HTML 12Page - Power Analog Micoelectronics PAM8620 Datasheet HTML 13Page - Power Analog Micoelectronics PAM8620 Datasheet HTML 14Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
Power Analog Microelectronics, Inc
www.poweranalog.com
Notes
1. The AP AUX-0025 low pass filter is necessary for class-D amplifier measurement with AP analyzer.
2. Two 22µH inductors are used in series with load resistor to emulate the small speaker for efficiency
measurement.
Test Setup for Performance Testing
AP System One
Generator
PAM8620 Demo Board
+OUT
Input
Load
AP
Low Pass
Filter
AUX-0025
AP System Two
Analyzer
GND
-OUT
VCC
Power Supply
PAM8620
15W Stereo Class-D Audio Power Amplifier with Power Limit
10/2012 Rev1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com