Electronic Components Datasheet Search
  English  ▼

X  

F1206A Datasheet(PDF) 2 Page - AVX Corporation

Part # F1206A
Description  SMD Thin-Film Fuse
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

F1206A Datasheet(HTML) 2 Page - AVX Corporation

  F1206A Datasheet HTML 1Page - AVX Corporation F1206A Datasheet HTML 2Page - AVX Corporation F1206A Datasheet HTML 3Page - AVX Corporation F1206A Datasheet HTML 4Page - AVX Corporation F1206A Datasheet HTML 5Page - AVX Corporation F1206A Datasheet HTML 6Page - AVX Corporation F1206A Datasheet HTML 7Page - AVX Corporation F1206A Datasheet HTML 8Page - AVX Corporation F1206A Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
24
Accu-Guard®
SMD Thin-Film Fuse
ELECTRICAL SPECIFICATIONS
Operating Temperature: -55°C to +125°C
Current carrying capacity at -55°C is 107% of rating;
at +25°C 100% of rating; at +85°C 93% of rating;
at +125°C 90% of rating.
Rated Voltage: 32V
Interrupting Rating: 50A
Insulation Resistance: >20MΩ guaranteed (after fusing at rated voltage)
Test
Conditions
Requirement
Solderability
Components completely immersed in a
Terminations to be well tinned
solder bath at 235 ±5°C for 2 secs.
No visible damage
Leach Resistance
Completely immersed in a solder bath
Dissolution of termination
at 260 ±5°C for 60 secs.
≤ 25% of area
ΔR/R<10%
Storage
12 months minimum with components
Good solderability
stored in “as received” packaging.
Shear
Components mounted to a substrate.
No visible damage
A force of 5N applied normal to the
line joining the terminations and in
a line parallel to the substrate.
Rapid Change of
Components mounted to a substrate.
No visible damage
Temperature
5 cycles -55°C to +125°C.
Δ R/R<10%
Vibration
Per Mil-Std-202F
No visible damage
Method 201A and
ΔR/R<10%
Method 204D Condition D.
Load Life
25°C, I rated, 20,000 hrs.
No visible damage
ΔR/R<10%
1206
Current
Resistance
Voltage Drop
Fusing Current
Pre-Arc
Part Number
Rating @ 10% x I rated, 25°C @ 1 x I rated, 25°C (within 5 sec.) 25°C
I2 t @ 50A
A
Ω (Max.)
mV (Max.)
A
A2 - sec.
F1206A0R20FWTR
0.200
0.95
350
0.40
0.00002*
F1206A0R25FWTR
0.250
0.75
280
0.50
0.00004*
F1206A0R37FWTR
0.375
0.40
220
0.75
0.00006
F1206A0R50FWTR
0.500
0.35
220
1.00
0.0002
F1206A0R75FWTR
0.750
0.25
220
1.50
0.003
F1206A1R00FWTR
1.000
0.18
220
2.00
0.005
F1206A1R25FWTR
1.250
0.15
220
2.50
0.009
F1206A1R50FWTR
1.500
0.11
220
3.00
0.02
F1206A1R75FWTR
1.750
0.10
210
3.50
0.035
F1206A2R00FWTR
2.000
0.065
160
4.00
0.04
* Current is limited to less than 50A at 32V due to internal fuse resistance.
ENVIRONMENTAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com