Electronic Components Datasheet Search
  English  ▼

X  

VWS106-C Datasheet(PDF) 2 Page - PANDUIT CORP.

Part # VWS106-C
Description  Optical Fiber Network Saddle, Push Mounts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

VWS106-C Datasheet(HTML) 2 Page - PANDUIT CORP.

  VWS106-C Datasheet HTML 1Page - PANDUIT CORP. VWS106-C Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Height (mm):
41.7
Length (In.):
1.18
Length (mm):
29.9
Width (In.):
.34
Width (mm):
8.6
Environment:
Indoors
Flammability Rating:
UL94 V-2
Max. Bundle Diameter (In.): 1.06
Max. Bundle Diameter (mm): 26.9
Max. Panel Thickness (In.):
.09
Max. Panel Thickness (mm): 2.3
Mounting Method:
Push Mount
Panel Hole Diameter (In.):
.187
Panel Hole Diameter (mm):
4.7
Std. Pkg. UOM:
PK
UOM:
PC
Std. Pkg. Qty.:
100
Min. Order Qty.:
100



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com