Electronic Components Datasheet Search
  English  ▼

X  

TRH031M Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # TRH031M
Description  13.56MHz Multi-protocol RFID Reader chip, 3.3V operation voltage
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TRH031M Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button TRH031M Datasheet HTML 17Page - List of Unclassifed Manufacturers TRH031M Datasheet HTML 18Page - List of Unclassifed Manufacturers TRH031M Datasheet HTML 19Page - List of Unclassifed Manufacturers TRH031M Datasheet HTML 20Page - List of Unclassifed Manufacturers TRH031M Datasheet HTML 21Page - List of Unclassifed Manufacturers TRH031M Datasheet HTML 22Page - List of Unclassifed Manufacturers TRH031M Datasheet HTML 23Page - List of Unclassifed Manufacturers TRH031M Datasheet HTML 24Page - List of Unclassifed Manufacturers TRH031M Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 73 page
background image
TRH031M
Datasheet
www.3ALogics.com |
3.4.1 SPI Serial Interface Hardware Configuration
SPI interface, unlike parallel interface, is determined during reset process. Therefore, to use SPI
modes, before sending reset signal assign inputs as below table 4-2.
Table 3-3 SPI SPI Interface Configuration
21
Confidential
PIN Name
SPI Interface
PALE
NSS
ADDR2
SCK
ADDR1
LOW
ADDR0
MOSI
RDB
HIGH
WRB
HIGH
CSB
LOW
DATA7 … DATA1
1100001
DATA0
MISO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com