| Electronic Components Datasheet Search |
|
CJ2M-CPU35 Datasheet(PDF) 21 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
CJ2M-CPU35 Datasheet(HTML) 21 Page - Omron Electronics LLC |
|
21 / 29 page ![]() 21 CJ2M-CPU3 @/-CPU1@/-MD21@ External Interface CJ2M-CPU3 @ (CJ2M with Built-in EtherNet/IP) A CJ2M-CPU3 @ provides two communications ports for external interfaces: a peripheral (USB) port and an EtherNet/IP port. The Pulse I/O functions of the CJ2M can be used by mounting a Pulse I/O Module. Up to two Pulse I/O Modules can be connected to the left side of a CJ2M CPU Unit. Serial ports can be added by mounting a Serial Communications Option Board (sold separately) in an option slot. CJ2M-CPU1 @ A CJ2M-CPU1 @ provides two communications ports for external interfaces: a peripheral (USB) port and a serial port. The Pulse I/O of the CJ2M can be used by mounting a Pulse I/O Module. Up to two Pulse I/O Modules can be connected to the left side of a CJ2M CPU Unit. Battery Compartment LED Indicators DIP Switch (inside the battery compartment) Memory Card Indicators Peripheral (USB) Port Connect to PC with CX-Programmer Option board slot Add a serial option board (option) EtherNet/IP Port Connected to the information management system such as Host Computer Simple Backup/Memory Card Power Supply Switch Memory Card Connector Memory Card Eject Button COMM COMM CP1W-CIF11/CIF12 RS-422A/485 Option Board CP1W-CIF01 RS-232C Option Board Attachable Pulse I/O Module (2 units max.) CJ2M-MD21 @ Battery Compartment LED Indicator DIP Switch (inside the battery compartment) Memory Card Indicators Peripheral (USB) Port Connect to PC with CX-Programmer Built-in Serial Port Connect to Host Computers, general-purpose external device, Programmable Terminals, and other devices. Simple Backup/Memory Card Power Supply Switch Memory Card Connector Memory Card Eject Button Attachable Pulse I/O Module (2 units max.) CJ2M-MD21 @ |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |