Electronic Components Datasheet Search
  English  ▼

X  

TS3DV642 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TS3DV642
Description  12-Channel 1:2 MUX/DEMUX with1.8V Compatible Control and Power-Down Mode
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS3DV642 Datasheet(HTML) 2 Page - Texas Instruments

  TS3DV642 Datasheet HTML 1Page - Texas Instruments TS3DV642 Datasheet HTML 2Page - Texas Instruments TS3DV642 Datasheet HTML 3Page - Texas Instruments TS3DV642 Datasheet HTML 4Page - Texas Instruments TS3DV642 Datasheet HTML 5Page - Texas Instruments TS3DV642 Datasheet HTML 6Page - Texas Instruments TS3DV642 Datasheet HTML 7Page - Texas Instruments TS3DV642 Datasheet HTML 8Page - Texas Instruments TS3DV642 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
29
28
27
26
25
24
23
22
GND
37
36
35
34
33
32
31
30
38
D2-
D3+
D3-
HPD
CEC
SEL1
SEL2
EN
SCL
SDA
D0+
D0-
D1+
D1-
D2+
VCC
D0+B
D0-B
D1+B
D1-B
D2+B
D2-B
D3+B
D3-B
D0-A
D1+A
D1-A
D2+A
D2-A
D3+A
D3-A
NC
D0+A
NC
TS3DV642
SCDS343 – MAY 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PIN DESCRIPTION
PIN
I/O Type
DESCRIPTION
NAME
NUMBER
VCC
1
Power
Supply Voltage
GND
PowerPad
GND
Ground
SEL1
16
I
Select Input 1
SEL2
17
I
Select Input 2
EN
2
I
Output Enable
D0+A
38
I/O
Port A, Lane 0, +ve signal
D0–A
37
I/O
Port A, Lane 0, –ve signal
D1+A
36
I/O
Port A, Lane 1, +ve signal
D1-A
35
I/O
Port A, Lane 1, –ve signal
D2+A
34
I/O
Port A, Lane 2, +ve signal
D2–A
33
I/O
Port A, Lane 2,–ve signal
D3+A
32
I/O
Port A, Lane 3, +ve signal
D3–A
31
I/O
Port A, Lane 3, –ve signal
SCL_A
42
I/O
Port A, DDC Clock
SDA_A
41
I/O
Port A, DDC Data
HPD_A
19
I/O
Port A, Hot Plug Detects
CEC_A
18
I/O
Port A, Consumer Electronics Control
D0+B
29
I/O
Port B, Lane 0, +ve signal
D0–B
28
I/O
Port B, Lane 0, –ve signal
D1+B
27
I/O
Port B, Lane 1, +ve signal
D1–B
26
I/O
Port B, Lane 1, –ve signal
D2+B
25
I/O
Port B, Lane 2, +ve signal
D2–B
24
I/O
Port B, Lane 2,–ve signal
D3+B
23
I/O
Port B, Lane 3, +ve signal
D3–B
22
I/O
Port B, Lane 3, –ve signal
SCL_B
40
I/O
Port B, DDC Clock
SDA_B
39
I/O
Port B, DDC Data
HPD_B
21
I/O
Port B, Hot Plug Detects
CEC_B
20
I/O
Port B, Consumer Electronics Control
D0+
5
I/O
Common Port, Lane 0, +ve signal
D0–
6
I/O
Common Port, Lane 0, –ve signal
D1+
7
I/O
Common Port, Lane 1, +ve signal
D1–
8
I/O
Common Port, Lane 1, –ve signal
D2+
10
I/O
Common Port, Lane 2, +ve signal
D2–
11
I/O
Common Port, Lane 2, –ve signal
D3+
12
I/O
Common Port, Lane 3, +ve signal
D3–
13
I/O
Common Port, Lane 3,–ve signal
SCL
3
I/O
Common Port, DDC Clock
SDA
4
I/O
Common Port, DDC Data
HPD
14
I/O
Common Port, Hot Plug Detects
CEC
15
I/O
Common Port, Consumer Electronics
Control
NC
9, 30
NC
No Connect
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TS3DV642



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com