Electronic Components Datasheet Search
  English  ▼

X  

TAS2505 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2505
Description  Digital Input Class-D Speaker Amplifier with Audio Processing and mono headphone amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS2505 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TAS2505 Datasheet HTML 8Page - Texas Instruments TAS2505 Datasheet HTML 9Page - Texas Instruments TAS2505 Datasheet HTML 10Page - Texas Instruments TAS2505 Datasheet HTML 11Page - Texas Instruments TAS2505 Datasheet HTML 12Page - Texas Instruments TAS2505 Datasheet HTML 13Page - Texas Instruments TAS2505 Datasheet HTML 14Page - Texas Instruments TAS2505 Datasheet HTML 15Page - Texas Instruments TAS2505 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
T0146-10
WCLK
BCLK
DIN
t (WS)
h
t (WS)
h
t (BCLK)
L
t
r
t
f
t (DI)
S
t (BCLK)
H
t (DI)
h
t (WS)
S
t (WS)
S
TAS2505
SLAS778A – FEBRUARY 2013 – REVISED FEBRUARY 2013
www.ti.com
3.5.4
DSP Timing in Slave Mode
All specifications at 25°C, DVDD = 1.8 V
Note: All timing specifications are measured at characterization but not tested at final test.
IOVDD = 1.8V
IOVDD = 3.3 V
PARAMETER
UNIT
MIN
MAX
MIN
MAX
tH(BCLK)
BCLK high period
35
35
ns
tL(BCLK)
BCLK low period
35
35
ns
ts(WS)
WCLK setup
8
8
ns
th(WS)
WCLK hold
8
8
ns
ts(DI)
DIN setup
8
8
ns
th(DI)
DIN hold
8
8
ns
tr
Rise time
4
4
ns
tf
Fall time
4
4
ns
Figure 3-4. DSP Timing in Slave Mode
12
ELECTRICAL SPECIFICATIONS
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TAS2505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com