Electronic Components Datasheet Search
  English  ▼

X  

ZXTR2005Z Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXTR2005Z
Description  100V INPUT, 5V 30mA REGULATOR TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTR2005Z Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXTR2005Z Datasheet HTML 1Page - Diodes Incorporated ZXTR2005Z Datasheet HTML 2Page - Diodes Incorporated ZXTR2005Z Datasheet HTML 3Page - Diodes Incorporated ZXTR2005Z Datasheet HTML 4Page - Diodes Incorporated ZXTR2005Z Datasheet HTML 5Page - Diodes Incorporated ZXTR2005Z Datasheet HTML 6Page - Diodes Incorporated ZXTR2005Z Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ZXTR2005Z
Document number: DS36231 Rev. 1 - 2
4 of 7
www.diodes.com
May 2013
© Diodes Incorporated
ZXTR2005Z
A Product Line of
Diodes Incorporated
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Output Voltage
VOUT
4.5
5.0
5.5
V
VIN = 48V, IOUT = 30mA
TJ = +25°C
Line Regulation (Note 11)
• VOUT
—
195
300
mV
VIN = 10 to 72V
IOUT = 15mA, TJ = +25°C
Temperature Coefficient
• VOUT/• T
—
7.0
—
mV/°C
TJ = -40°C to +125°C
VIN = 48V, IOUT = 15mA
Load Regulation (Note 12)
• VOUT
—
-185
-300
mV
IOUT = 1 to 30mA
VIN = 48V, TJ = +25°C
Minimum Value of Input Voltage Required to
Maintain Line Regulation
VIN(MIN)
10
—
—
V
—
Quiescent Current
IQ
—
—
260
550
500
900
µA
VIN = 48V, IOUT = 10µA, TJ = +25°C
VIN = 100V, IOUT = 10µA, TJ = +25°C
Power Supply Rejection Ratio
PSRR
—
45
—
dB
COUT = 100nF, IOUT = 30mA,
VOUT = 5V, VIN = 10V,f = 100Hz
Notes:
11. Line regulation • VOUT = VOUT(@ VIN = 72V) – VOUT(NOMINAL)(@ VIN = 10V)
12. Load regulation • VOUT = VOUT(@ IOUT = 30mA) – VOUT(NOMINAL)(@ IOUT = 1mA)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com