Electronic Components Datasheet Search
  English  ▼

X  

ZXTR2008Z Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXTR2008Z
Description  100V INPUT, 8V 30mA REGULATOR TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTR2008Z Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXTR2008Z Datasheet HTML 1Page - Diodes Incorporated ZXTR2008Z Datasheet HTML 2Page - Diodes Incorporated ZXTR2008Z Datasheet HTML 3Page - Diodes Incorporated ZXTR2008Z Datasheet HTML 4Page - Diodes Incorporated ZXTR2008Z Datasheet HTML 5Page - Diodes Incorporated ZXTR2008Z Datasheet HTML 6Page - Diodes Incorporated ZXTR2008Z Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ZXTR2008Z
Document number: DS36232 Rev. 1 - 2
2 of 7
www.diodes.com
May 2013
© Diodes Incorporated
ZXTR2008Z
A Product Line of
Diodes Incorporated
Typical Application Circuit
Maximum Ratings (Voltage relative to GND, @TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Input Voltage
VIN
100
V
Input Current
IIN
30
mA
Continuous Output Current
IOUT
30
mA
Pulsed Output Current
(Note 7)
IOM
500
mA
(Note 8)
150
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation
(Note 5)
PD
1.7
W
(Note 6)
0.89
Thermal Resistance, Junction to Ambient
(Note 5)
R• JA
59
°C/W
(Note 6)
112
Thermal Resistance, Junction to Lead
(Note 9)
R• JL
20
Recommended Operating Junction Temperature Range
TJ
-40 to +125
°C
Maximum Operating Junction and Storage Temperature Range
TJ , TSTG
-65 to +150
°C
ESD Ratings (Note 10)
Characteristics
Symbols
Value
Unit
JEDEC Class
Electrostatic Discharge – Human Body Model
ESD HBM
• 4000
V
3A
Electrostatic Discharge – Machine Model
ESD MM
• 300
V
B
Notes:
5. For a device mounted on 50mm X 50mm 1oz copper that is on a single-sided FR4 PCB; device measured under still air conditions whilst operating in
steady-state.
6. Same as note 5, except mounted on 15mm X 15mm 1oz copper.
7. Same as note 6, except measured with a single pulse width = 100µs and VIN=48V.
8. Same as note 6, except measured with a single pulse width = 10ms and VIN=48V.
9. Thermal resistance from junction to solder-point (on the exposed collector pad).
10. Refer to JEDEC specification JESD22-A114 and JESD22-A115
.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com