Electronic Components Datasheet Search
  English  ▼

X  

LF253DT Datasheet(PDF) 1 Page - STMicroelectronics

Part # LF253DT
Description  Wide bandwidth dual JFET operational amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LF253DT Datasheet(HTML) 1 Page - STMicroelectronics

  LF253DT Datasheet HTML 1Page - STMicroelectronics LF253DT Datasheet HTML 2Page - STMicroelectronics LF253DT Datasheet HTML 3Page - STMicroelectronics LF253DT Datasheet HTML 4Page - STMicroelectronics LF253DT Datasheet HTML 5Page - STMicroelectronics LF253DT Datasheet HTML 6Page - STMicroelectronics LF253DT Datasheet HTML 7Page - STMicroelectronics LF253DT Datasheet HTML 8Page - STMicroelectronics LF253DT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
March 2010
Doc ID 2153 Rev 3
1/15
15
LF253, LF353
Wide bandwidth dual JFET operational amplifiers
Features
■ Low power consumption
■ Wide common-mode (up to VCC
+) and
differential voltage range
■ Low input bias and offset current
■ Output short-circuit protection
■ High input impedance JFET input stage
■ Internal frequency compensation
■ Latch up free operation
■ High slew rate 16 V/µs (typical)
Description
These circuits are high speed JFET input dual
operational amplifiers incorporating well matched,
high voltage JFET and bipolar transistors in a
monolithic integrated circuit.
The devices feature high slew rates, low input
bias and offset currents, and low offset voltage
temperature coefficient.
N
DIP8
(Plastic package)
D
SO-8
(Plastic micro package)
Pin connections
(top view)
1
2
3
4
5
6
7
8
-
+
-
+
1 - Output1
2 - Inverting input 1
3 - Non-inverting input 1
4 - VCC
-
5 - Non-inverting input 2
6 - Inverting input 2
7 - Output 2
8 - VCC
+
www.st.com


Similar Part No. - LF253DT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LF253DT STMICROELECTRONICS-LF253DT Datasheet
908Kb / 15P
Wide bandwidth dual JFET operational amplifiers
25-Mar-2010
More results

Similar Description - LF253DT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LF147 NSC-LF147 Datasheet
406Kb / 13P
Wide Bandwidth Quad JFET Input Operational Amplifiers
logo
STMicroelectronics
MC4558 STMICROELECTRONICS-MC4558 Datasheet
78Kb / 7P
WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
Aug-1998
logo
National Semiconductor ...
LF453 NSC-LF453 Datasheet
219Kb / 8P
LF453 Wide-Bandwidth Dual JFET-Input Operational Amplifiers
logo
STMicroelectronics
MC4558 STMICROELECTRONICS-MC4558_05 Datasheet
417Kb / 10P
WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
Oct-2005
LF351 STMICROELECTRONICS-LF351_08 Datasheet
622Kb / 14P
Wide bandwidth single JFET operational amplifiers
28-Apr-2008
TJM4558CD STMICROELECTRONICS-TJM4558CD Datasheet
292Kb / 7P
WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
Dec-2003
logo
ON Semiconductor
MC4558V ONSEMI-MC4558V Datasheet
75Kb / 8P
Dual Wide Bandwidth Operational Amplifiers
December, 2000 ??Rev. 0
logo
Texas Instruments
LF147 TI1-LF147 Datasheet
1Mb / 21P
Wide Bandwidth Quad JFET Input Operational Amplifiers
LF147 TI1-LF147_16 Datasheet
1Mb / 21P
Wide Bandwidth Quad JFET Input Operational Amplifiers
logo
PROMAX-JOHNTON CORP
PJ4558 PROMAX-JOHNTON-PJ4558 Datasheet
430Kb / 5P
Dual Wide Bandwidth Operational Amplifiers
2003/04.ver.B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com