Electronic Components Datasheet Search
  English  ▼

X  

LM-358D Datasheet(PDF) 20 Page - STMicroelectronics

Part # LM-358D
Description  Low-power dual operational amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM-358D Datasheet(HTML) 20 Page - STMicroelectronics

Back Button LM-358D Datasheet HTML 13Page - STMicroelectronics LM-358D Datasheet HTML 14Page - STMicroelectronics LM-358D Datasheet HTML 15Page - STMicroelectronics LM-358D Datasheet HTML 16Page - STMicroelectronics LM-358D Datasheet HTML 17Page - STMicroelectronics LM-358D Datasheet HTML 18Page - STMicroelectronics LM-358D Datasheet HTML 19Page - STMicroelectronics LM-358D Datasheet HTML 20Page - STMicroelectronics LM-358D Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
Revision history
LM158, LM258, LM358
20/21
Doc ID 2163 Rev 10
8
Revision history
Table 10.
Document revision history
Date
Revision
Changes
01-Jul- 2003
1
First release.
02-Jan-2005
2
Rthja and Tj parameters added in AMR Table 1 on page 3.
01-Jul-2005
3
ESD protection inserted in Table 1 on page 3.
05-Oct-2006
4
Added Figure 17: Phase margin vs. capacitive load.
30-Nov-2006
5
Added missing ordering information.
25-Apr-2007
6
Removed LM158A, LM258A and LM358A from document title.
Corrected error in MiniSO-8 package data. L1 is 0.004 inch.
Added automotive grade order codes in Section 7 on page 19.
12-Feb-2008
7
Corrected VCC max (30 V instead of 32 V) in operating conditions.
Changed presentation of electrical characteristics table.
Deleted Vopp parameter in electrical characteristics table.
Corrected miniSO-8 package information.
Corrected temperature range for automotive grade order codes.
Updated automotive grade footnotes in order codes table.
26-Aug-2008
8
Added limitations on input current in Table 1: Absolute maximum
ratings.
Corrected title for Figure 11.
Added E and L1 parameters in Table 5: SO-8 package mechanical
data.
Changed Figure 30.
02-Sep-2011
9
In Chapter 6: Package information, added:
– DFN8 2 x 2 mm package mechanical drawing
– DFN8 2 x 2 mm recommended footprint
– DFN8 2 x 2 mm order codes.
06-Apr-2012
10
Removed order codes LM158YD, LM258AYD, LM258YD and
LM358YD from Table 9: Order codes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com