Electronic Components Datasheet Search
  English  ▼

X  

STD4N52K3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STD4N52K3
Description  N-channel 525 V, 2.5 A, 2.1 廓 typ., SuperMESH3??Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD4N52K3 Datasheet(HTML) 3 Page - STMicroelectronics

  STD4N52K3 Datasheet HTML 1Page - STMicroelectronics STD4N52K3 Datasheet HTML 2Page - STMicroelectronics STD4N52K3 Datasheet HTML 3Page - STMicroelectronics STD4N52K3 Datasheet HTML 4Page - STMicroelectronics STD4N52K3 Datasheet HTML 5Page - STMicroelectronics STD4N52K3 Datasheet HTML 6Page - STMicroelectronics STD4N52K3 Datasheet HTML 7Page - STMicroelectronics STD4N52K3 Datasheet HTML 8Page - STMicroelectronics STD4N52K3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
STD4N52K3, STF4N52K3, STP4N52K3, STU4N52K3
Electrical ratings
Doc ID 18206 Rev 2
3/21
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220 DPAK
IPAK
TO-220FP
V
DS
Drain-source voltage (V
GS
= 0)
525
V
V
GS
Gate- source voltage
± 30
V
I
D
Drain current (continuous) at T
C
= 25 °C
2.5
2.5
(1)
1.
Limited by package
A
I
D
Drain current (continuous) at T
C
= 100 °C
2
2
(1)
A
I
DM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
10
10
(1)
A
P
TOT
Total dissipation at T
C
= 25 °C
45
20
W
I
AR
Avalanche current, repetitive or not-
repetitive (pulse width limited by T
j
max)
1.3
A
E
AS
Single pulse avalanche energy
(starting T
j
= 25°C, I
D
= I
AR
, V
DD
= 50V)
110
mJ
dv/dt
(3)
3.
I
SD
≤ 2.5 A, di/dt = 400 A/μs, peak V
DD
≤ V
(BR)DSS
, V
DD
= 80% V
(BR)DSS.
Peak diode recovery voltage slope
12
V/ns
V
ISO
Insulation withstand voltage (RMS) from
all three leads to external heat sink
(t = 1 s; TC = 25 °C)
2500
V
T
stg
Storage temperature
-55 to 150
°C
T
j
Max. operating junction temperature
150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
TO-220 DPAK
IPAK
TO-220FP
R
thj-case
Thermal resistance junction-case max
2.78
6.25
°C/W
R
thj-pcb
(1)
1.
When mounted on 1inch sq FR-4 board, 2 oz Cu
Thermal resistance junction-pcb max
50
°C/W
R
thj-amb
Thermal resistance junction-ambient max
62.5
100
62.5
°C/W
T
l
Maximum lead temperature for soldering
purpose
300
300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com