Electronic Components Datasheet Search
  English  ▼

X  

F98 Datasheet(PDF) 1 Page - AVX Corporation

Part # F98
Description  Resin-Molded Chip, High CV Frameless
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

F98 Datasheet(HTML) 1 Page - AVX Corporation

  F98 Datasheet HTML 1Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MAY 2013
■ 41
Compliant to the RoHS directive (2002/95/EC).
Specifications
Type numbering system (Example : 6.3V 10μF)
Drawing
L
W1
S2
W2
H
S1
M
1.6
0.85
0.65
± 0.1 0.8 ± 0.1 0.5 ± 0.1 0.6 ± 0.1
U
1.10
± 0.05 0.60 ± 0.05 0.35 ± 0.05 0.55 ± 0.05 0.3 ± 0.05 0.5 ± 0.05
(mm)
Case Code
L
H
W1
W2
S1
S2
S1
S
2.0
1.25
0.9
± 0.1 0.8 ± 0.1 0.5 ± 0.1 1.0 ± 0.1
+ 0.2
- 0.1
+ 0.2
- 0.1
+ 0.2
- 0.1
+ 0.2
- 0.1
Rated voltage
(Voltage code)
J
U Case
M Case
Rated voltage
(Voltage code)
Capacitance code
Js
S Case
Taping code
(Refer to page 148 for details)
F
1
9
2
8
3
0
4
J
5
1
6
0
7
6
8
M
9
M
10
11
Case code
Capacitance tolerance
Rated capacitance
Rated voltage
Series
Marking
Standard Ratings
Category
Temperature Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
Damp Heat
(Steady State)
Temperature Cycles
Resistance to Soldering
Heat
Surge
Endurance
Shear Test
Performance Characteristics
±20% (at 120Hz)
Refer to the table below
At 40
°C, 90 to 95% R.H., For 500hours (No voltage applied)
Capacitance Change
Refer to the table below (* 1)
Dissipation Factor
150% or less of initial specified value
Leakage Current
200% or less of initial specified value
Refer to the table below
Provided that
After 5 minute's application of rated voltage, leakage current at 85
°C,
10 times or less than 20
°C specified value.
After 5 minute's application of rated voltage, leakage current at 125
°C,
12.5 times or less than 20
°C specified value.
At --55
°C / +125°C, For 30 minutes each, 5 cycles
Capacitance Change
Refer to the table below (* 1)
Dissipation Factor
150% or less than the initial specified value
Leakage Current
Initial specified value or less
10 seconds reflow at 260
°C, 5 seconds immersion at 260°C
Capacitance Change
Refer to the table below (* 1)
Leakage Current
Initial specified value or less
Leakage Current
Initial specified value or less
After application of surge in series with a 1k
Ω resistor at the
rate of 30 seconds ON, 30 seconds OFF, for 1000 successive
test cycles at 85
°C, capacitors shall meet the characteristic
requirements listed below.
Capacitance Change
Refer to the table below (* 1)
Dissipation Factor
150% or less than the initial specified value
Leakage Current
200% or less than the initial specified value
After 1000 hours' application of rated voltage in series with a
3
Ω resistor at 85°C, capacitors shall meet the characteristic
requirements table below
Capacitance Change
Refer to the table below (* 1)
Dissipation Factor
150% or less than the initial specified value
Leakage Current
200% or less than the initial specified value
After applying the pressure load of 5N
for 10
±1 seconds horizontally to the
center of capacitor side body which has
no electrode and has been soldered
beforehand on a substrate, there shall be
found neither exfoliation
nor its sign at the terminal electrode.
Keeping a capacitor surface-mounted on a substrate upside
down and supporting the substrate at both of the opposite
bottom points 45mm apart from the center of capacitor, the
pressure strength is applied with
a specified jig at the center of the
substrate so that substrate
may bend by 1mm as illustrated.
Then, there shall be found no
remarkable abnormality on the
capacitor terminals.
Item
--55 to +125
°C (Rated temperature : +85°C)
ESR
Refer to the table below
Terminal Strength
5N (0.51kg • f)
For 10
± 1 seconds
20
R230
45
45
( ) The series in parentheses are being developed.
Please contact to your local AVX sales office when
these series are being designed in your application.
M
1
2.2
4.7
10
22
33
47
68
100
220
105
225
475
106
226
336
476
686
107
227
U
U
M
M
M
M • S
M • S
S
U • M
(U) • M
M
M
M • S
S
U • M
(U) • M
M
(M) • S
(M) • S
S
M
M
M
S
4
6.3
10
16
20
25
0G
0J
1A
1C
1D
1E
V
Cap.(μF)
Code
M
---
---
---
a
J
n
s
w
A
J
±3 0
±3 0
±3 0
±3 0
±3 0
±3 0
±3 0
±3 0
±3 0
±3 0
±3 0
±3 0
±3 0
±3 0
±3 0
±3 0
±3 0
±3 0
±3 0
±3 0
±3 0
±3 0
±2 0
±3 0
±3 0
±3 0
±3 0
±3 0
±2 0
±3 0
±3 0
4.7
10
22
33
47
68
68
100
100
220
4.7
4.7
10
22
33
47
47
100
2.2
2.2
4.7
10
22
33
47
1
2.2
4.7
10
1
1
4V
6.3V
10V
16V
20V
25V
*1
ΔC/C
(%)
Part Number
*2 Leakage
Current
(μA)
Disspation
Factor
(% @120Hz)
Case
code
ESR
(
Ω@100kHz)
Rated Volt
Rated
Capacitance
(μF)
Capacitance
code
*2 : Leakage Current
After 5 minute's application of rated voltage, leakage current at 20˚C.
Applications
Smartphone
Wireless module
Mobile phone
Hearing aid
We can consider the type of compliance to AEC-Q200.
Please contact to your local AVX sales office
when these series are being designed in your application.
U
U
M
M
M
M
S
M
S
S
U
M
M
M
M
M
S
S
U
M
M
M
S
S
S
M
M
M
S
M
M
F980G475MUA
F980G106MUA
F980G226MMA
F980G336MMA
F980G476MMA
F980G686MMA
F980G686MSA
F980G107MMA
F980G107MSA
F980G227MSA
F980J475MUA
F980J475MMA
F980J106MMA
F980J226MMA
F980J336MMA
F980J476MMA
F980J476MSA
F980J107MSA
F981A225MUA
F981A225MMA
F981A475MMA
F981A106MMA
F981A226MSA
F981A336MSA
F981A476MSA
F981C105MMA
F981C225MMA
F981C475MMA
F981C106MSA
F981D105MMA
F981E105MMA
0.5
0.8
0.9
1.3
1.9
27.2
2.7
80.0
4.0
132
0.6
0.5
0.6
1.4
4.2
29.6
3.0
63.0
0.5
0.5
0.5
1.0
2.2
3.3
9.4
0.5
0.5
0.8
1.6
0.5
0.5
20
25
15
30
40
50
30
60
35
80
20
20
8
20
35
45
25
50
15
6
6
20
20
30
35
6
6
12
18
6
8
20
20
7.5
4
8
10
4
10
4
5
20
7.5
6
6
8
10
6
8
15
7.5
6
7.5
4
6
5
10
10
12
4
10
10
F98 Series
Resin-Molded Chip, High CV Frameless
®


Similar Part No. - F98

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
F980E476MMA NICHICON-F980E476MMA Datasheet
73Kb / 1P
SOLID TANTALUM ELECTROLYTIC CAPACITORS
F980G106MUA NICHICON-F980G106MUA Datasheet
68Kb / 1P
SOLID TANTALUM ELECTROLYTIC CAPACITORS
F980G106MUA NICHICON-F980G106MUA Datasheet
67Kb / 1P
SOLID TANTALUM ELECTROLYTIC CAPACITORS
logo
AVX Corporation
F980G106MUA AVX-F980G106MUA Datasheet
117Kb / 3P
Resin-Molded Chip, High CV Undertab
logo
Nichicon corporation
F980G107MMA NICHICON-F980G107MMA Datasheet
67Kb / 1P
SOLID TANTALUM ELECTROLYTIC CAPACITORS
More results

Similar Description - F98

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
298D VISHAY-298D Datasheet
156Kb / 7P
Solid Tantalum Chip Capacitors MICROTAN™ Lead Frameless Molded
22-Oct-07
292D VISHAY-292D Datasheet
122Kb / 8P
Solid Tantalum Chip Capacitors, TANTAMOUNT® Lead Frameless Molded
05-Mar-08
logo
AVX Corporation
F931C226KCC AVX-F931C226KCC Datasheet
86Kb / 2P
Resin-Molded Chip, Standard Tantalum J-Lead
logo
Nichicon corporation
UUR1E101MCL1GS NICHICON-UUR1E101MCL1GS Datasheet
53Kb / 2P
Chip Type, High CV
logo
AVX Corporation
F93-AJ6 AVX-F93-AJ6_15 Datasheet
206Kb / 4P
Resin-Molded Chip - Automotive Product Range
F98 AVX-F98_15 Datasheet
117Kb / 3P
Resin-Molded Chip, High CV Undertab
logo
NEC
SVHB21V105M NEC-SVHB21V105M Datasheet
104Kb / 20P
SURFACE MOUNT RESIN MOLDED TANTALUM CHIP CAPACITORS HIGH RELIABILITY
SVSP0J105M NEC-SVSP0J105M Datasheet
125Kb / 16P
Surface mount resin molded, Ultra miniaturized chip
logo
AVX Corporation
F97-HT3 AVX-F97-HT3 Datasheet
482Kb / 5P
High Temperature 135째C, Resin-molded Chip, High Reliability
F93-AJ6 AVX-F93-AJ6 Datasheet
241Kb / 5P
Resin-Molded Chip - Automotive Product Range
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com