Electronic Components Datasheet Search
  English  ▼

X  

GX03 Datasheet(PDF) 1 Page - AVX Corporation

Part # GX03
Description  Ultra Broad Band Capacitor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

GX03 Datasheet(HTML) 1 Page - AVX Corporation

  GX03 Datasheet HTML 1Page - AVX Corporation GX03 Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The GX03 Series was developed specifically to address DC
Blocking issues from ~16KHz (-3dB roll-off) to 40GHz in
applications requiring higher voltages than available in our other
Broadband offerings. Rated at 50VDC from -55ºC to +125ºC
with X7R TCC, GX03 products exhibit low insertion loss &
excellent return loss. Using AVX’s patented precision thin film
termination process, the part is designed to be completely
orientation insensitive with a standard EIA 0603 footprint to
minimize board space requirements.
Ni-Sn and Ni-Au terminations are available to cover a wide range
of attachment processes. All GX parts are RoHS compliant.
Au terminated units are wire bondable. Users may, therefore, find
these devices useful in bypass applications when wire bonding
is a necessary part of the manufacturing process.
More information can be obtained by contacting the factory or
your local AVX representative.
GX Series
Ultra Broad Band Capacitor
-2.50
-1.88
-1.25
-0.63
0
0.63
1.25
1.88
2.50
0
8
16
24
32
40
Frequency (GHz)
(Typical)
-70.00
-55.00
-40.00
-25.00
-10.00
0
8
16
24
32
40
Frequency (GHz)
(Typical)
Test Parameters:
Testing to 40GHz performed on Rodgers R04350 microstrip board (T = 10 mils); Trace width = 22 mils: Gap = 24 mils; 50 ohm
(nominal) characteristic impedance. Modelithics model developed through testing on several different substrates including
Alumina (T = 5 mils) measured through 65GHz. THe modeled results presented for R04350 were for a pad width = 20 mils and
a gap = 16 mils.
GX03 Series – Insertion Loss (S21)
GX03 Series – Return Loss (S11)
MECHANICAL SPECIFICATIONS
0.86 ± 0.10
(0.034 ± 0.004)
0.86 ± 0.10
(0.034 ± 0.004)
1.52
±
0.10
(0.060
±
0.004)
0.18
±
0.05
(0.007
±
0.002)
mm (inches)
ADVANTAGES
• Ultra-Broadband performance
• Ultra-Low Insertion Loss
• X7R Characteristics
• Excellent Return Loss
APPLICATIONS
• Semi-Conductor Data
Communications Customers
• Receiver Optical Sub-Assemblies
• Transimpedance Amplifier
Customers
• Test Equipment Manufactures


Similar Part No. - GX03

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
GX03-242063 AVX-GX03-242063 Datasheet
224Kb / 3P
Ultra Broad Band Capacitor
GX035C104MA72 AVX-GX035C104MA72 Datasheet
258Kb / 2P
Ultra Broadband Capacitor
GX035C104MA72-1000 AVX-GX035C104MA72-1000 Datasheet
258Kb / 2P
Ultra Broadband Capacitor
GX035C104MA72-500 AVX-GX035C104MA72-500 Datasheet
258Kb / 2P
Ultra Broadband Capacitor
GX035C104MAT2 AVX-GX035C104MAT2 Datasheet
220Kb / 2P
Ultra-Broadband performance
More results

Similar Description - GX03

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
HJF-A-500 MERRIMAC-HJF-A-500 Datasheet
281Kb / 2P
BROAD BAND HYBRID JUNCTION
logo
AVX Corporation
GX02YD104KAT2 AVX-GX02YD104KAT2 Datasheet
173Kb / 2P
Ultra Broad Band Capacitor
GL6R0KA7B AVX-GL6R0KA7B Datasheet
202Kb / 2P
Ultra Broad Band Inductor
GX01ZD103PATD AVX-GX01ZD103PATD Datasheet
192Kb / 2P
Ultra Broad Band Capacitor
AVXGX0402 AVX-AVXGX0402 Datasheet
207Kb / 2P
Ultra Broad Band Capacitor
AVXGX AVX-AVXGX Datasheet
197Kb / 2P
Ultra Broad Band Capacitor
GX03-242063 AVX-GX03-242063 Datasheet
224Kb / 3P
Ultra Broad Band Capacitor
GX01 AVX-GX01 Datasheet
209Kb / 2P
GX Series Ultra Broad Band Capacitor
GX02 AVX-GX02 Datasheet
210Kb / 2P
GX Series Ultra Broad Band Capacitor
GX0S AVX-GX0S_15 Datasheet
304Kb / 2P
Ultra Broad Band Capacitor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com