Electronic Components Datasheet Search
  English  ▼

X  

RT10 Datasheet(PDF) 1 Page - AVX Corporation

Part # RT10
Description  RoHS Compliant Mini-TurboCapTM Small Footprint, High Volumetric Efficiency, High-CV SMPS Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

RT10 Datasheet(HTML) 1 Page - AVX Corporation

  RT10 Datasheet HTML 1Page - AVX Corporation RT10 Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
ELECTRICAL SPECIFICATIONS
HOW TO ORDER
RT10
AVX
Style
5
Voltage
50V = 5
100V = 1
C
Temperature
Coefficient
X7R = C
186
Capacitance Code
(2 significant digits
+ no. of zeros)
1 μF = 105
10 μF = 106
M
Capacitance
Tolerance
M = ±20%
A
Test Level
A = Standard
K
Termination
N = Straight Lead
K = Leads formed in
M = Leads formed out
02
Number
of Leads
Per Side
02 = 2
CAPACITANCE RANGE
Temperature Coefficient
±15%, -55° to +125°C
Capacitance Test (MIL-STD-202, Method 305)
25°C, 1.0±0.2 Vrms (open circuit voltage) at 1KHz
Dissipation Factor
5% Max @ 25°C, for 50VDC and 100VDC voltage ratings
Insulation Resistance 25°C (MIL-STD-202, Method 302)
500 MΩ-μF
Insulation Resistance 125°C (MIL-STD-202, Method 302)
50 MΩ-μF
Dielectric Withstanding Voltage 25°C (Flash Test)
250% rated voltage for 5 seconds with 50 mA max charging current.
Life Test Capabilities (1000 hrs)
150% rated voltage at +125°C.
RoHS Compliant Mini-TurboCap
TM
Small Footprint, High Volumetric Efficiency,
High-CV SMPS Capacitors
VOLTAGE
Style
50V
100V
RT10
18 μF
8.2 μF
The RoHS Compliant Mini-TurboCap
TM
is constructed from
state-of-the-art BME (Base Metal Electrode) MLC Capacitors
achieving very high CV, as well as, ultra low ESR and ESL. The
resulting, very large capacitance values allow for component
and board space reduction. Stress relieving lead frames
provide effective mechanical decoupling of the ceramic chips
from the board, minimizing the stress created by board
flexing, vibration and temperature cycling. High temperature
solder is used to attach chips to the lead frame thus
eliminating the risk of solder reflow during assembly to the
board.


Similar Part No. - RT10

ManufacturerPart #DatasheetDescription
logo
Weller Tools
RT10 WELLER-RT10 Datasheet
1Mb / 2P
RT 10GW
logo
Vishay Siliconix
RT100 VISHAY-RT100 Datasheet
143Kb / 2P
Wirewound Rheostat/Potentiometer
27-Jun-02
RT100 VISHAY-RT100 Datasheet
117Kb / 4P
Wirewound Rheostat/Potentiometer
24-Sep-08
RT100 VISHAY-RT100 Datasheet
119Kb / 4P
Wirewound Rheostat / Potentiometer
24-Aug-16
logo
Omron Electronics LLC
RT100-4GM3010-G OMRON-RT100-4GM3010-G Datasheet
703Kb / 10P
Remote Access Solution
More results

Similar Description - RT10

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
RM017A100JAN120 AVX-RM017A100JAN120 Datasheet
652Kb / 3P
RoHS Compliant SMPS Stacked MLC Capacitors
RMM AVX-RMM Datasheet
104Kb / 2P
RoHS Compliant SMPS Stacked MLC Capacitors (RMM Style) Extended Range
ST10 AVX-ST10 Datasheet
146Kb / 2P
Mini-TurboCapTM Small Footprint, High Volumetric Efficiency, High-CV SMPS Capacitors
logo
CSB Battery Co., Ltd.
HRL12110W CSB-BATTERY-HRL12110W_12 Datasheet
873Kb / 2P
Its characteristics are high energy density, small footprint and high discharge efficiency.
UPS123607 CSB-BATTERY-UPS123607_12 Datasheet
937Kb / 2P
Its characteristics are high energy density, small footprint and high discharge efficiency.
logo
Sparkle Power Inc.
FSP040-RHAN2 SPI-FSP040-RHAN2 Datasheet
46Kb / 1P
Efficiency Level VI, RoHS Compliant
FSP120-ABAN2 SPI-FSP120-ABAN2 Datasheet
47Kb / 1P
Efficiency Level VI, RoHS Compliant
FSP120-AHAN2 SPI-FSP120-AHAN2 Datasheet
47Kb / 1P
Efficiency Level VI, RoHS Compliant
logo
Texas Instruments
UCC28704 TI1-UCC28704 Datasheet
1Mb / 44P
High-Efficiency Off-Line CV
logo
Bel Fuse Inc.
MPI-200-10 BEL-MPI-200-10 Datasheet
1Mb / 3P
High Performance with Greater Volumetric Efficiency
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com