Electronic Components Datasheet Search
  English  ▼

X  

TWC Datasheet(PDF) 1 Page - AVX Corporation

Part # TWC
Description  TWC-Y High Temperature Series COTS-Plus 200쨘C Wet Tantalum
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TWC Datasheet(HTML) 1 Page - AVX Corporation

  TWC Datasheet HTML 1Page - AVX Corporation TWC Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MARCH 2013
■ 79
TWC-Y High Temperature Series
COTS-Plus 200ºC Wet Tantalum
Terminal welded
to case (T)
Case
+
-
F 6.35 (0.250)
W 0.64 +0.05
(.025 +.002)
T 2.380 (.094)
F
D
E
W
L
E
DSCC
AVX
L
D
D
E
Case
Case
+0.79 (0.031)
Basic Case
Insulated Case
±6.35 (0.250)
Size
Size
-0.41 (0.016)
±0.41 (0.016)
Max
T1
A
11.51 (0.453)
4.78 (0.188)
5.56 (0.219)
38.10 (1.500)
T2
B
16.28 (0.641)
7.14 (0.281)
7.92 (0.312)
57.15 (2.250)
T3
D
19.46 (0.766)
9.52 (0.375)
10.31 (0.406)
57.15 (2.250)
T4
E
26.97 (1.062)
9.52 (0.375)
10.31 (0.406)
57.15 (2.250)
The TWC-Y high temperature series represents a COTS-Plus version of
conventional wet electrolytic tantalum capacitors that are designed for use at
200°C. Components are capable of 300 hours of operation at extreme
temperature with the applicable derated voltage.
This design includes a welded tantalum can and header assembly that
provides a hermetic seal to withstand harsh environments.
This is a new product line so please contact the factory for availability and
additional details.
CASE DIMENSIONS: millimeters (inches)
OUTLINE DIMENSIONS
Technical Data:
Unless otherwise specified, all technical data relate to an ambient temperature of +25°C
Capacitance Tolerance:
±10%; ±20%
Rated Voltage (VR)
85°C
6
8
10
15
25
30
50
60
75
100
125
Category Voltage (VC)
125°C
4
5
7
10
15
20
30
40
50
65
85
High Temp, Voltage (V
T)
200°C
3.6
4.8
6
9
12
18
30
36
45
60
75
Surge Voltage (VS)
85°C
6.9
9.2
11.5
17.3
28.8
34.5
57.5
69
86.3
115
144
Temperature Range:
-55°C to +200°C
TECHNICAL SPECIFICATIONS


Similar Part No. - TWC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TWC-78-1 ETC2-TWC-78-1 Datasheet
124Kb / 1P
CABLE, RADIO FREQUENCY, TWIN CONDUCTOR, BALANCED LINE
TWC-USB ETC2-TWC-USB Datasheet
280Kb / 1P
Navigan??Wireless Commissioner
logo
Tumbler Technologies + ...
TWC150 TRUMPOWER-TWC150 Datasheet
83Kb / 2P
150W ITE Grade AC/DC Switching Power Supplies
TWC150-12 TRUMPOWER-TWC150-12 Datasheet
83Kb / 2P
150W ITE Grade AC/DC Switching Power Supplies
TWC150-15 TRUMPOWER-TWC150-15 Datasheet
83Kb / 2P
150W ITE Grade AC/DC Switching Power Supplies
More results

Similar Description - TWC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MTPH VISHAY-MTPH Datasheet
58Kb / 2P
Wet Tantalum Capacitors
02-Sep-03
logo
Kemet Corporation
T497 KEMET-T497 Datasheet
154Kb / 4P
HIGH GRADE COTS TANTALUM CHIPS
logo
DB Lectro Inc
CA30 DBLECTRO-CA30 Datasheet
242Kb / 2P
Wet Tantalum Capacitor
logo
Cornell Dubilier Electr...
TAT306M00611 CDE-TAT306M00611 Datasheet
284Kb / 12P
Wet Tantalum Capacitor
logo
AVX Corporation
TBMMULTIANODE AVX-TBMMULTIANODE Datasheet
137Kb / 3P
Tantalum Ultra Low ESR COTS-Plus Weibull Grade & Space Level
logo
Vishay Siliconix
135D566X9125K2 VISHAY-135D566X9125K2 Datasheet
171Kb / 14P
Wet Tantalum Capacitors Tantalum-Case
09-Apr-13
135D826X9125K6 VISHAY-135D826X9125K6 Datasheet
171Kb / 14P
Wet Tantalum Capacitors Tantalum-Case
09-Apr-13
logo
AVX Corporation
TWAE407K100CBSZ0000 AVX-TWAE407K100CBSZ0000 Datasheet
126Kb / 5P
COTS-Plus Wet Electrolytic Tantalum Capacitor
TCB AVX-TCB Datasheet
535Kb / 4P
COTS-Plus Polymer Capacitor
logo
Vishay Siliconix
DLA15005 VISHAY-DLA15005 Datasheet
108Kb / 4P
Wet Tantalum Capacitors, Ultra-High Capacitance, Tantalum Case with Glass-to-Tantalum Hermetic Seal for -55 °C to 125 °C, DLA Approved
09-Dec-16
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com