Electronic Components Datasheet Search
  English  ▼

X  

ZB6YA340 Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # ZB6YA340
Description  Harmony??XB6/ZB6 16 mm push buttons
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ZB6YA340 Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button ZB6YA340 Datasheet HTML 25Page - List of Unclassifed Manufacturers ZB6YA340 Datasheet HTML 26Page - List of Unclassifed Manufacturers ZB6YA340 Datasheet HTML 27Page - List of Unclassifed Manufacturers ZB6YA340 Datasheet HTML 28Page - List of Unclassifed Manufacturers ZB6YA340 Datasheet HTML 29Page - List of Unclassifed Manufacturers ZB6YA340 Datasheet HTML 30Page - List of Unclassifed Manufacturers ZB6YA340 Datasheet HTML 31Page - List of Unclassifed Manufacturers ZB6YA340 Datasheet HTML 32Page - List of Unclassifed Manufacturers ZB6YA340 Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
29
Panel cut-out and mounting
Rectangular head
Square or circular head
Product range:
page 5
Specifications:
page 10
Assembled products:
page 12
References:
page 15
Harmony™ XB6/ZB6
16 mm push buttons
Dimensions (continued)
Dual Dimensions: in (mm)
0.9375
(24)
0.75
(18)
This document provided by Barr-Thorp Electric Co., Inc. 800-473-9123 www.barr-thorp.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com