Electronic Components Datasheet Search
  English  ▼

X  

ZB6YA441 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # ZB6YA441
Description  Harmony??XB6/ZB6 16 mm push buttons
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ZB6YA441 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button ZB6YA441 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZB6YA441 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZB6YA441 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZB6YA441 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZB6YA441 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZB6YA441 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZB6YA441 Datasheet HTML 13Page - List of Unclassifed Manufacturers ZB6YA441 Datasheet HTML 14Page - List of Unclassifed Manufacturers ZB6YA441 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
11
Harmony™ XB6/ZB6
16 mm push buttons
Electrical specifications of contacts
Rated operational specifications AC-15
B300, Ue = 240 Vac and Ie = 1.5 A or Ue 120 Vac and Ie = 3 A
DC-13
R300, Ue = 250 Vdc and Ie = 0.1 A or Ue = 125 Vdc and Ie = 0.22 A
Rated insulation voltage
Conforming to IEC 60947-1
Ui = 250 V
Degree of pollution 3 (Except pilot lights with incandescent
or neon bulb: degree of pollution 2)
Rated impulse withstand voltage Conforming to EN/IEC 60947-1
kV
Uimp = 4
Contact material
Normal environment and usage
Silver alloy
Chemically corrosive environment or
infrequent operation
Gold
Contact operation
N/C or N/O
Slow break, with indication of change of state by the tactile feedback on
push and audibility
Differential travel of contacts
With push button head
in (mm) Changing N/C state: 0.04 (1.0)
Changing N/O state: 0.08 (2.0)
Total travel: 0.14 (3.5)
Operating force
N/C contact
lbf (N)
0.56 (2.5)
N/O contact
lbf (N)
0.36 (1.6)
Push button head + N/O contact
lbf (N)
0.79 (3.5)
Push button head + N/C contact
lbf (N)
1.01 (4.5)
Positive operation
Conforming to IEC 60947-5-2
lbf (N)
N/C contact with positive opening operation
Positive opening force: 3.38 (15)
Terminal referencing
Conforming to EN 50005 and EN 50013
Short-circuit protection
Cartridge fuse mounted upstream
6 A gG, 6 A Class CC, Bussman KTK-R
Electrical reliability
Failure rate
Conforming to IEC 60947-5-4
With confidence level of 90 %: λ
90 = 10
-8
5 V - 1 mA, defect contact voltage drop = 0.5 V
Cabling
in (mm) By Quick Connectors/Solder tabs 0.11 x 0.02 (2.8 x 0.5)
By pins for printed circuit board connection 0.04 x 0.02 (1 x 0.5)
Electrical durability
Conforming to IEC 947-5-1 Appendix C
Utilization category AC-15 and DC-13
Operating rate 3600 operating cycles/h
Load factor 0.5
1 million operating cycles - 200 VA-230 V
1 Switching capacity conforming to EN/IEC 60947-5-1,
utilization category AC-15, DC-13
B300
240 Vac
1.5 A
R300
250 Vdc
0.1 A
2 Switching capacity conforming to EN/IEC 60947-5-1,
utilization category AC-15, DC-13
B300
120 Vac
3 A
R300
125 Vdc
0.22 A
1 mA
2 mA
3 mA
6 mA
10 mA
5
6
10
8
20
60
100
15
150
200
2 A
1,5 A
3 A
1 A
120
240
250
24
V
I (Ith)
48
2
1
Specifications (continued)
Product range:
page 5
Assembled products:
page 12
References:
page 15
Dimensions:
page 25
This document provided by Barr-Thorp Electric Co., Inc. 800-473-9123 www.barr-thorp.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com