Electronic Components Datasheet Search
  English  ▼

X  

ZB6YA115 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ZB6YA115
Description  Harmony??XB6/ZB6 16 mm push buttons
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ZB6YA115 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ZB6YA115 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZB6YA115 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZB6YA115 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZB6YA115 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZB6YA115 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZB6YA115 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZB6YA115 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZB6YA115 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZB6YA115 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
7
Harmony™ XB6/ZB6
16 mm push buttons
Complete units
(continued)
Contact functions
Push buttons with rectangular, square or circular head
Head colors
Push buttons,
spring return
Full guard
XB6DAppp
page 16
XB6CAppp
page 16
XB6AAppp
page 16
Mushroom head,
Emergency stop,
maintained and trigger
action
Turn to release (EN/ISO 13850: 2006)
Key release (EN/ISO 13850: 2006)
XB6AS834pB
page 13
XB6AS934pB
page 13
Selector switches
and key switches
Standard handle operator
XB6DDppp
page 17
XB6CDppp
page 17
XB6ADppp
page 17
Key switches
XB6DGppp
page 17
XB6CGppp
page 17
XB6AGppp
page 17
Product range (continued)
Introduction:
page 4
Specifications:
page 10
Assembled products:
page 12
References:
page 15
Dimensions:
page 25
This document provided by Barr-Thorp Electric Co., Inc. 800-473-9123 www.barr-thorp.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com