Electronic Components Datasheet Search
  English  ▼

X  

ZB6YA002 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # ZB6YA002
Description  Harmony??XB6/ZB6 16 mm push buttons
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ZB6YA002 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button ZB6YA002 Datasheet HTML 20Page - List of Unclassifed Manufacturers ZB6YA002 Datasheet HTML 21Page - List of Unclassifed Manufacturers ZB6YA002 Datasheet HTML 22Page - List of Unclassifed Manufacturers ZB6YA002 Datasheet HTML 23Page - List of Unclassifed Manufacturers ZB6YA002 Datasheet HTML 24Page - List of Unclassifed Manufacturers ZB6YA002 Datasheet HTML 25Page - List of Unclassifed Manufacturers ZB6YA002 Datasheet HTML 26Page - List of Unclassifed Manufacturers ZB6YA002 Datasheet HTML 27Page - List of Unclassifed Manufacturers ZB6YA002 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
24
Accessories
Description
Application
Reference
Body
Attaching contact blocks
ZB6Y009
Bezel tightening tool + bulb extractor Mounting the switch and changing bulbs ZB6Y905
Three piece dismantling tool kit
Removing contacts, mounting nuts and
push button caps
ZB6Y019
Nut
Mounting head to panel
ZB6Y002
Adaptor
Flush mounting a circular head push
button or pilot light in 22 mm cut-out
ZB6YA002
Shroud
Protecting contacts against touching
ZB6Y001
Protective cover
Circular and square head push buttons
and switches
ZB6YA001
Rectangular head push buttons and
switches
ZB6YD001
Female Quick connector/Solder tab Sold in lots of 100 pieces
ZB6Y004
Blanking plug
Plugging an unused knockout
ZB6Y005
Ronis key, 2 pieces
Key operated selector switches and
emergency stop mushroom
ZB6Y007
Incandescent bulbs, bayonet T1 1/4 6 V
ZB6YA006
12 V
ZB6YJ012
28 V (1)
ZB6YB028
Neon bulbs
110/230 V (2)
ZB6YG095
(1) 28 V bulb supplied, for use on 24 V.
(2) 95 V bulb supplied, for use on 110/230 V.
Standard Legend Plate (24 x 28 mm) for 8 x 21 mm Legend (3)
Description
Background Color of Legend
Reference
Without legend insert
—
ZB6YD20
With blank legend insert
White or yellow
ZB6YD21
Black or red
ZB6YD22
8 x 21 mm Marked Legends
(for 24 x 28 mm legend holder ZB6YD20) (3)
Color
Marking
Reference
White Text
Red Background (Stop and Fault)
Black Background (all others)
International
O-I
ZB6Y2178
I-II
ZB6Y2179
I-O-II
ZB6Y2186
O
ZB6Y2190
English
HAND-O-AUTO
ZB6Y2387
CLOSE
ZB6Y2314
DOWN
ZB6Y2308
FORWARD
ZB6Y2305
FAULT
ZB6Y2334
LEFT
ZB6Y2310
OFF
ZB6Y2312
ON
ZB6Y2303
OPEN
ZB6Y2313
RESET
ZB6Y2323
REVERSE
ZB6Y2306
RIGHT
ZB6Y2309
RUN
ZB6Y2311
STOP
ZB6Y2304
UP
ZB6Y2307
(3) Additional legend plate sizes and markings are available in Catalog 9001CT0001.
Circular Legends, 45 mm
Description
Color
Text
Reference
Circular legends, 45 mm
Yellow
Blank
ZB6Y7001
Emergency stop
ZB6Y7330
Accessories for Printed Circuit Board Mounting
Description
for use with
Reference
Plug-in Socket Adapter
contact blocks and light modules
ZB6Y010
Body Bracket
plug-in socket adapter
ZB6Y011
ZB6Y905
ZB6Y009
ZB6Y002
ZB6Y001
ZB6Y005
ZB6Y007
ZB6YD20
ZB6YD001
ZB6YA001
ZB6Y2178
STOP
ZB6Y2304
ZB6Y7330
Harmony™ XB6/ZB6
16 mm push buttons
Accessories
References (continued)
Product range:
page 5
Specifications:
page 10
Assembled products:
page 12
Dimensions:
page 25
ZB6Y010
ZB6Y011
This document provided by Barr-Thorp Electric Co., Inc. 800-473-9123 www.barr-thorp.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com