Electronic Components Datasheet Search
  English  ▼

X  

SFH-7740 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH-7740
Description  Reflective Optical Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-7740 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH-7740 Datasheet HTML 1Page - OSRAM GmbH SFH-7740 Datasheet HTML 2Page - OSRAM GmbH SFH-7740 Datasheet HTML 3Page - OSRAM GmbH SFH-7740 Datasheet HTML 4Page - OSRAM GmbH SFH-7740 Datasheet HTML 5Page - OSRAM GmbH SFH-7740 Datasheet HTML 6Page - OSRAM GmbH SFH-7740 Datasheet HTML 7Page - OSRAM GmbH SFH-7740 Datasheet HTML 8Page - OSRAM GmbH SFH-7740 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SFH 7740
2009-01-14
4
Kennwerte (Ta = 25°C)
Characteristics
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
min.
typ.
max.
Minimale Betriebsspannung für Startphase
Minimum required supply voltage for start-up
(please see figure 2)
V
dd, start
0.8
2.0
V
Länge der Startphase
Start up time
(please see figure 2)
t
start
60
90
120
ms
Mess-Wiederholzeit
Measurement refresh time
(please see figure 2)
t
refresh
60
90
120
ms
LED „An“ Zeit
LED „ON“ Time
(please see figure 3)
t
pulse
30
45
60
µs
Mittlere Stromaufnahme
1)
Mean current consumption
1)
R
Prog = h, Vdd = 3V
I
dd, mean
25
50
μA
Maximale Stromaufnahme
Maximum current consumption
R
Prog = h, Vdd = 3V
I
dd, max
10
20
mA
Mittlere Stromaufnahme
1)
Mean current consumption
1)
R
Prog = 470 Ω, Vdd = 3V
I
dd, mean
45
75
μA
Maximale Stromaufnahme
Maximum current consumption
R
Prog = 470 Ω, Vdd = 3V
I
dd, max
50
65
mA
Ausgangsleckstrom „high“
Output leakage current „high“
DV
dd = 2.2V
I
out, H
5
400
nA
Ausgangsspannung „low“
Output voltage „low“
DV
dd = 2.2V; Rpullup = 270 Ω
V
out, L
0.1
0.5
V
Wellenlänge der max. Fotoempfindlichkeit
Wavelength of max. sensitivity
λ
S, max
880
nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com