Electronic Components Datasheet Search
  English  ▼

X  

EMZ1 Datasheet(PDF) 3 Page - Rohm

Part # EMZ1
Description  General purpose transistor (dual transistors)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMZ1 Datasheet(HTML) 3 Page - Rohm

  EMZ1 Datasheet HTML 1Page - Rohm EMZ1 Datasheet HTML 2Page - Rohm EMZ1 Datasheet HTML 3Page - Rohm EMZ1 Datasheet HTML 4Page - Rohm EMZ1 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EMZ1 / UMZ1N / IMZ1A
Transistors
Rev.A
3/4
0.2
20
10
0.5
1
2
5
10 20
50 100 200
50
100
200
500
VCE=5V
3V
1V
Ta=25˚C
COLLECTOR CURRENT : IC
(mA)
Fig.4
DC current gain vs. collector
current ( I )
0.2
0.5
1
2
5
10 20
50 100 200
20
10
50
100
200
500
25˚C
−55˚C
Ta=100˚C
VCE
=5V
COLLECTOR CURRENT : IC
(mA)
Fig.5
DC current gain vs. collector
current ( II )
0.2
0.01
0.02
0.05
0.1
0.2
0.5
0.5
1
2
5
10
20
50 100 200
IC/IB=50
20
10
Ta=25˚C
COLLECTOR CURRENT : IC
(mA)
Fig.6 Collector-emitter saturation
voltage vs. collector current ( I )
0.2
0.01
0.02
0.05
0.1
0.2
0.5
0.5
1
2
5
10
20
50 100 200
IC/IB=10
Ta=100˚C
25˚C
−55˚C
COLLECTOR CURRENT : IC
(mA)
Fig.7
Collector-emitter saturation
voltage vs. collector current ( II )
0.2
0.01
0.02
0.05
0.1
0.2
0.5
0.5
1
2
5
10
20
50 100
IC/IB=50
Ta=100˚C
25˚C
−55˚C
COLLECTOR CURRENT : IC
(mA)
Fig.8
Collector-emitter saturation
voltage vs. collector current ( III )
50
−0.5 −1
−2
−5
−10 −20
−50 −100
100
200
500
Ta=25˚C
VCE
=6V
EMITTER CURRENT : IE
(mA)
Fig.9 Gain bandwidth product vs.
emitter current
0.2
0.5
1
2
5
10
20
50
1
2
5
10
20
Cib
Cob
COLLECTOR TO BASE VOLTAGE : VCB
(V)
EMITTER TO BASE VOLTAGE
: VEB
(V)
Fig.10 Collector output capacitance vs.
collector-base voltage
Emitter input capacitance vs.
emitter-base voltage
Ta=25˚C
f
=1MHz
IE
=0A
IC
=0A
−0.2
−0.5
−1
−2
−5
−10
10
20
50
100
200
EMITTER CURRENT : IE
(mA)
Fig.11 Base-collector time constant vs.
emitter current
Ta=25
˚C
f=32MHZ
VCB=6V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com