Electronic Components Datasheet Search
  English  ▼

X  

ZUP10-20 Datasheet(PDF) 2 Page - TDK Electronics

Part # ZUP10-20
Description  Zero up programmable power supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ZUP10-20 Datasheet(HTML) 2 Page - TDK Electronics

  ZUP10-20 Datasheet HTML 1Page - TDK Electronics ZUP10-20 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
153
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Revision A6: May 2012
ZUP Series
For Additional Information, please visit
us.tdk-lambda.com/lp/products/zup.htm
Outline Drawing 200/400W
Outline Drawing 800W
Voltage
Current
Ripple
Noise
Ripple
Efficiency
Adjust
Adjust
Max
5Hz-1MHz
20MHz BW
5Hz-1MHz
%
Weight
Model
Range
Range
Power
mV
mV
mA
(100/200VAC)
kg
ZUP6-33/U
0-6
0-33
198
5
50
50
69 / 72
2.9
ZUP6-66/U
0-6
0-66
396
5
50
100
74 / 77
3.2
ZUP6-132/U
0-6
0-132
792
8
100
200
74 / 77
5.8
ZUP10-20/U
0-10
0-20
200
5
50
25
73 / 77
2.9
ZUP10-40/U
0-10
0-40
400
5
50
50
79 / 82
3.2
ZUP10-80/U
0-10
0-80
800
8
90
100
77 / 81
5.8
ZUP20-10/U
0-20
0-10
200
5
50
15
74 / 78
2.9
ZUP20-20/U
0-20
0-20
400
5
50
30
79 / 83
3.2
ZUP20-40/U
0-20
0-40
800
5
80
60
79 / 82
5.8
ZUP36-6/U
0-36
0-6
216
5
50
7.5
76 / 80
2.9
ZUP36-12/U
0-36
0-12
432
5
50
15
80 / 84
3.2
ZUP36-24/U
0-36
0-24
864
5
70
30
80 / 84
5.8
ZUP60-3.5/U
0-60
0-3.5
210
5
50
5
75 / 79
2.9
ZUP60-7/U
0-60
0-7
420
5
50
10
80 / 84
3.2
ZUP60-14/U
0-60
0-14
840
5
60
20
80 / 84
5.8
ZUP80-2.5/U
0-80
0-2.5
200
30
80
5
77 / 82
2.9
ZUP80-5/U
0-80
0-5
400
30
80
10
83 / 87
3.2
ZUP120-1.8/U
0-120
0-1.8
216
30
80
5
77 / 82
2.9
ZUP120-3.6/U
0-120
0-3.6
432
30
80
10
83 / 87
3.2
Model Selector
Option
Model Suffix Part Number
Front panel terminals (20A max)5
/L4
ZUP200/400/L4
Front panel terminals (20A max)6
/L4
ZUP800/L4
IEC320 cable USA plug
/U
ZUP/U
Serial link cable RJ-45
/W
ZUP/W
GPIB Controller
GP485A*
Dual Unit Assembly
NL200*
(accepts 200W or 400W models)
19” 3U rack (accepts up to 6 200/400W models)
NL100*
Blanking panels for NL100 (19 in. rack)
NL101*
RS232 Communications Cable DB-9
ZUP/NC401
RS232 Communications Cable DB-25
ZUP/NC403
RS485 Communications Cable DB-9
ZUP/NC402
RS485 Communications Cable DB-25
ZUP/NC404
User Manual
NL102
* (See website for more details)
4 Not available with ZUP80 or ZUP120 models.
5 200W and 400W models
6 800W models
Options & Accessories



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com