Electronic Components Datasheet Search
  English  ▼

X  

DRA127-1R5-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # DRA127-1R5-R
Description  High Power Density, High Efficiency, Shielded Inductors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

DRA127-1R5-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  DRA127-1R5-R Datasheet HTML 1Page - Cooper Bussmann, Inc. DRA127-1R5-R Datasheet HTML 2Page - Cooper Bussmann, Inc. DRA127-1R5-R Datasheet HTML 3Page - Cooper Bussmann, Inc. DRA127-1R5-R Datasheet HTML 4Page - Cooper Bussmann, Inc. DRA127-1R5-R Datasheet HTML 5Page - Cooper Bussmann, Inc. DRA127-1R5-R Datasheet HTML 6Page - Cooper Bussmann, Inc. DRA127-1R5-R Datasheet HTML 7Page - Cooper Bussmann, Inc. DRA127-1R5-R Datasheet HTML 8Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Description
• 165°C maximum total temperature operation
• Five sizes of Automotive grade shielded drum core
inductors
• Inductance range from 0.28uH to 1000uH
• Current range up to 56 Amps
• Mechanical secure mounting for high shock and vibration
environments
• Good thermal dispersion with thermal conductive epoxy
• Customized dual winding versions available upon request
for SEPIC or Flyback configurations
Applications
• Automotive Electronics (under the hood, interior/exterior)
• Telematics
• DC-DC converters
• Buck, boost, forward, and resonant converters
• Noise filtering and filter chokes
Environmental Data
• Storage temperature range: -40°C to +165°C
• Operating temperature range: -40°C to +165°C
(range is application specific)
• Solder reflow temperature: +260°C max. for
10 seconds max.
• Complies with AEC-Q200 standard
Packaging
• Supplied in tape and reel packaging, 1350 (DRA73),
1100 (DRA74), 750 (DRA124), 600 (DRA125),
and 350 (DRA127) per reel
DRA Series
High Power Density,
High Efficiency, Shielded Inductors
Magnetics Solutions
For Automotive Applications
RoHS
2002/95/EC
(1) Open Circuit Inductance test parameters: 100kHz, 0.25V, 0.0Adc,
tolerance is ±20%
(2) Irms: DC current for an approximate
∆T of 40°C without core loss. Derating is
necessary for AC currents. PCB layout, trace thickness and width, air-flow, and
proximity of other heat generating components will affect the temperature rise. It
is recommended that the temperature of the part not exceed 165°C under worst
case operating conditions verified in the end application.
(3) Isat Amperes peak for approximately 30% rolloff (@25°C)
(4) Isat Amperes peak for approximately 40% rolloff (@125°C)
(5) DCR limits @ 25°C
(6) K-factor: Used to determine B p-p for core loss (see graph).
B p-p = K*L*
∆I, B p-p(mT), K: (K factor from table), L: (Inductance in µH),
∆I (Peak to peak ripple current in Amps).
(7) Part Number Definition: DRAxxx-xxx-R
DRAxxx = Product code and size; -xxx = Inductance value in uH;
R = decimal point; If no R is present, third character = # of zeros.
-R suffix = RoHS compliant
Part Number
Rated
OCL (1)
Irms (2)
Isat (3)
Isat (4)
DCR (5)
K-factor (6)
Inductance
µH
Amperes
Amperes
Amperes
(
Ω)
+/-20%
Typ.
DRA73-R33-R
0.33
0.29
8.42
14.80
11.84
0.0040
60.6
DRA73-1R0-R
1.00
0.91
6.50
8.22
6.58
0.0067
33.7
DRA73-1R5-R
1.50
1.36
5.39
6.73
5.38
0.0097
27.5
DRA73-2R2-R
2.20
2.52
4.18
4.93
3.95
0.016
20.2
DRA73-3R3-R
3.30
3.18
3.59
4.35
3.48
0.022
17.8
DRA73-4R7-R
4.70
4.86
2.92
3.52
2.82
0.033
14.4
DRA73-6R8-R
6.80
6.63
2.62
2.96
2.37
0.041
12.1
DRA73-8R2-R
8.20
8.06
2.30
2.74
2.19
0.053
11.2
DRA73-100-R
10.0
10.27
2.11
2.39
1.91
0.064
9.8
DRA73-150-R
15.0
14.98
1.74
2.00
1.60
0.094
8.2
DRA73-220-R
22.0
22.39
1.42
1.64
1.32
0.141
6.7
DRA73-330-R
33.0
31.84
1.25
1.35
1.08
0.183
5.5
DRA73-470-R
47.0
47.83
1.02
1.10
0.884
0.275
4.5
DRA73-680-R
68.0
66.89
0.845
0.937
0.749
0.397
3.8
DRA73-820-R
82.0
83.77
0.731
0.851
0.680
0.530
3.5
DRA73-101-R
100
101.7
0.682
0.763
0.610
0.609
3.1
DRA73-151-R
150
151.1
0.551
0.632
0.506
0.932
2.6
DRA73-221-R
220
218.8
0.479
0.510
0.408
1.23
2.1
DRA73-331-R
330
326.4
0.391
0.423
0.338
1.85
1.7
DRA73-471-R
470
472.6
0.326
0.354
0.283
2.67
1.4
DRA73-681-R
680
682.9
0.270
0.297
0.238
3.89
1.2
DRA73-821-R
820
825.3
0.252
0.267
0.214
4.46
1.1
DRA73-102-R
1000
991.9
0.235
0.239
0.192
5.15
1.0


Similar Part No. - DRA127-1R5-R

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
DRA1 SENSATA-DRA1 Datasheet
245Kb / 4P
DIN RAIL MOUNT
DRA1 SENSATA-DRA1 Datasheet
508Kb / 3P
DIN RAIL MOUNT SOLID STATE RELAYS
Rev: 02/06/25
DRA1 SENSATA-DRA1 Datasheet
457Kb / 4P
DRA1 SERIES | MCX AC OUTPUT
Rev: 07/02/18
DRA1 SENSATA-DRA1 Datasheet
487Kb / 4P
DRA1 SERIES | MP AC & DC OUTPUT
Rev: 06/29/18
DRA1 SENSATA-DRA1 Datasheet
500Kb / 4P
DRA1 SERIES | SPF AC OUTPUT
Rev: 03/22/24
More results

Similar Description - DRA127-1R5-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SD18-100 ETC1-SD18-100 Datasheet
395Kb / 8P
High Power Density, Low Profile, Shielded Inductors
logo
Cooper Bussmann, Inc.
DR73-R33-R COOPER-DR73-R33-R Datasheet
298Kb / 6P
High Power Density, High Efficiency, Shielded Inductors
DR127-100-R COOPER-DR127-100-R Datasheet
304Kb / 7P
High Power Density, High Efficiency, Shielded Inductors
SD25-150-R COOPER-SD25-150-R Datasheet
309Kb / 7P
SD Series High Power Density, Low Profile, Shielded Inductors
logo
List of Unclassifed Man...
DR74-101 ETC2-DR74-101 Datasheet
299Kb / 6P
High Power Density, High Efficiency, Shielded Inductors
logo
Cooper Bussmann, Inc.
SD52-680-R COOPER-SD52-680-R Datasheet
192Kb / 3P
High Power Density, Low Profile, Shielded Inductors
logo
List of Unclassifed Man...
DR127-2R2 ETC2-DR127-2R2 Datasheet
1Mb / 11P
High power density, high efficiency, shielded inductors
logo
Eaton All Rights Reserv...
DR73-R33-R EATON-DR73-R33-R Datasheet
845Kb / 9P
High power density, high efficiency, shielded drum core power inductors
DR124 EATON-DR124 Datasheet
655Kb / 5P
High power density, high efficiency, low profile shielded drum core power inductors
SD52 EATON-SD52 Datasheet
382Kb / 4P
High power density, low profile shielded power inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com