Electronic Components Datasheet Search
  English  ▼

X  

SE33 Datasheet(PDF) 311 Page - Microchip Technology

Part # SE33
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SE33 Datasheet(HTML) 311 Page - Microchip Technology

Back Button SE33 Datasheet HTML 307Page - Microchip Technology SE33 Datasheet HTML 308Page - Microchip Technology SE33 Datasheet HTML 309Page - Microchip Technology SE33 Datasheet HTML 310Page - Microchip Technology SE33 Datasheet HTML 311Page - Microchip Technology SE33 Datasheet HTML 312Page - Microchip Technology SE33 Datasheet HTML 313Page - Microchip Technology SE33 Datasheet HTML 314Page - Microchip Technology SE33 Datasheet HTML 315Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 311 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 311
PIC16(L)F1946/47
TABLE 25-4:
REGISTERS ASSOCIATED WITH BAUD RATE GENERATOR
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Valueson
page
BAUD1CON
ABDOVF
RCIDL
—
SCKP
BRG16
—
WUE
ABDEN
309
BAUD2CON
ABDOVF
RCIDL
—
SCKP
BRG16
—
WUE
ABDEN
309
RC1STA
SPEN
RX9
SREN
CREN
ADDEN
FERR
OERR
RX9D
308
RC2STA
SPEN
RX9
SREN
CREN
ADDEN
FERR
OERR
RX9D
308
SP1BRGL
EUSART1 Baud Rate Generator, Low Byte
310*
SP1BRGH
EUSART1 Baud Rate Generator, High Byte
310*
SP2BRGL
EUSART2 Baud Rate Generator, Low Byte
310*
SP2BRGH
EUSART2 Baud Rate Generator, High Byte
310*
TX1STA
CSRC
TX9
TXEN
SYNC
SENDB
BRGH
TRMT
TX9D
302
TX2STA
CSRC
TX9
TXEN
SYNC
SENDB
BRGH
TRMT
TX9D
307
Legend:
— = unimplemented, read as ‘0’. Shaded bits are not used by the BRG.
*
Page provides register information.
TABLE 25-5:
BAUD RATES FOR ASYNCHRONOUS MODES
BAUD
RATE
SYNC = 0, BRGH = 0, BRG16 = 0
FOSC = 32.000 MHz
FOSC = 18.432 MHz
FOSC = 16.000 MHz
FOSC = 11.0592 MHz
Actual
Rate
%
Error
SPxBRGL
value
(decimal)
Actual
Rate
%
Error
SPxBRGL
value
(decimal)
Actual
Rate
%
Error
SPxBRGL
value
(decimal)
Actual
Rate
%
Error
SPxBRGL
value
(decimal)
300
—
—
—
——
—
—
—
—
——
—
1200
——
—
1200
0.00
239
1202
0.16
207
1200
0.00
143
2400
2404
0.16
207
2400
0.00
119
2404
0.16
103
2400
0.00
71
9600
9615
0.16
51
9600
0.00
29
9615
0.16
25
9600
0.00
17
10417
10417
0.00
47
10286
-1.26
27
10417
0.00
23
10165
-2.42
16
19.2k
19.23k
0.16
25
19.20k
0.00
14
19.23k
0.16
12
19.20k
0.00
8
57.6k
55.55k
-3.55
3
57.60k
0.00
7
——
—
57.60k
0.00
2
115.2k
—
—
—
—
—
—
—
—
—
—
—
—
BAUD
RATE
SYNC = 0, BRGH = 0, BRG16 = 0
FOSC = 8.000 MHz
FOSC = 4.000 MHz
FOSC = 3.6864 MHz
FOSC = 1.000 MHz
Actual
Rate
%
Error
SPxBRGL
value
(decimal)
Actual
Rate
%
Error
SPxBRGL
value
(decimal)
Actual
Rate
%
Error
SPxBRGL
value
(decimal)
Actual
Rate
%
Error
SPxBRGL
value
(decimal)
300
—
—
—
300
0.16
207
300
0.00
191
300
0.16
51
1200
1202
0.16
103
1202
0.16
51
1200
0.00
47
1202
0.16
12
2400
2404
0.16
51
2404
0.16
25
2400
0.00
23
—
—
—
9600
9615
0.16
12
—
—
—
9600
0.00
5
—
—
—
10417
10417
0.00
11
10417
0.00
5
—
—
—
—
—
—
19.2k
—
—
—
—
—
—
19.20k
0.00
2
—
—
—
57.6k
—
—
—
—
—
—
57.60k
0.00
0
—
—
—
115.2k
—
—
—
—
—
—
—
—
—
—
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com