Electronic Components Datasheet Search
  English  ▼

X  

SE33 Datasheet(PDF) 312 Page - Microchip Technology

Part # SE33
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SE33 Datasheet(HTML) 312 Page - Microchip Technology

Back Button SE33 Datasheet HTML 308Page - Microchip Technology SE33 Datasheet HTML 309Page - Microchip Technology SE33 Datasheet HTML 310Page - Microchip Technology SE33 Datasheet HTML 311Page - Microchip Technology SE33 Datasheet HTML 312Page - Microchip Technology SE33 Datasheet HTML 313Page - Microchip Technology SE33 Datasheet HTML 314Page - Microchip Technology SE33 Datasheet HTML 315Page - Microchip Technology SE33 Datasheet HTML 316Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 312 / 478 page
background image
PIC16(L)F1946/47
DS41414D-page 312
 2010-2012 Microchip Technology Inc.
BAUD
RATE
SYNC = 0, BRGH = 1, BRG16 = 0
FOSC = 32.000 MHz
FOSC = 18.432 MHz
FOSC = 16.000 MHz
FOSC = 11.0592 MHz
Actual
Rate
%
Error
SPxBRGL
value
(decimal)
Actual
Rate
%
Error
SPxBRGL
value
(decimal)
Actual
Rate
%
Error
SPxBRGL
value
(decimal)
Actual
Rate
%
Error
SPxBRGL
value
(decimal)
300
——
—
—
—
—
——
—
—
—
—
1200
—
—
—
—
—
—
—
—
—
—
—
—
2400
—
—
—
—
—
—
——
—
—
—
—
9600
9615
0.16
207
9600
0.00
119
9615
0.16
103
9600
0.00
71
10417
10417
0.00
191
10378
-0.37
110
10417
0.00
95
10473
0.53
65
19.2k
19.23k
0.16
103
19.20k
0.00
59
19.23k
0.16
51
19.20k
0.00
35
57.6k
57.14k
-0.79
34
57.60k
0.00
19
58.82k
2.12
16
57.60k
0.00
11
115.2k
117.64k
2.12
16
115.2k
0.00
9
111.1k
-3.55
8
115.2k
0.00
5
BAUD
RATE
SYNC = 0, BRGH = 1, BRG16 = 0
FOSC = 8.000 MHz
FOSC = 4.000 MHz
FOSC = 3.6864 MHz
FOSC = 1.000 MHz
Actual
Rate
%
Error
SPxBRGL
value
(decimal)
Actual
Rate
%
Error
SPxBRGL
value
(decimal)
Actual
Rate
%
Error
SPxBRGL
value
(decimal)
Actual
Rate
%
Error
SPxBRGL
value
(decimal)
300
——
—
—
—
—
—
—
—
300
0.16
207
1200
—
—
—
1202
0.16
207
1200
0.00
191
1202
0.16
51
2400
2404
0.16
207
2404
0.16
103
2400
0.00
95
2404
0.16
25
9600
9615
0.16
51
9615
0.16
25
9600
0.00
23
—
—
—
10417
10417
0.00
47
10417
0.00
23
10473
0.53
21
10417
0.00
5
19.2k
19231
0.16
25
19.23k
0.16
12
19.2k
0.00
11
—
—
—
57.6k
55556
-3.55
8
—
—
—
57.60k
0.00
3
—
—
—
115.2k
—
—
—
—
—
—
115.2k
0.00
1
—
—
—
BAUD
RATE
SYNC = 0, BRGH = 0, BRG16 = 1
FOSC = 32.000 MHz
FOSC = 18.432 MHz
FOSC = 16.000 MHz
FOSC = 11.0592 MHz
Actual
Rate
%
Error
SPxBRGH:
SPxBRGL
(decimal)
Actual
Rate
%
Error
SPxBRGH:
SPxBRGL
(decimal)
Actual
Rate
%
Error
SPxBRGH:
SPxBRGL
(decimal)
Actual
Rate
%
Error
SPxBRGH:
SPxBRGL
(decimal)
300
300.0
0.00
6666
300.0
0.00
3839
300.03
0.01
3332
300.0
0.00
2303
1200
1200.1
0.02
3332
1200
0.00
959
1200.5
0.04
832
1200
0.00
575
2400
2401
-0.04
832
2400
0.00
479
2398
-0.08
416
2400
0.00
287
9600
9615
0.16
207
9600
0.00
119
9615
0.16
103
9600
0.00
71
10417
10417
0.00
191
10378
-0.37
110
10417
0.00
95
10473
0.53
65
19.2k
19.23k
0.16
103
19.20k
0.00
59
19.23k
0.16
51
19.20k
0.00
35
57.6k
57.14k
-0.79
34
57.60k
0.00
19
58.82k
2.12
16
57.60k
0.00
11
115.2k
117.6k
2.12
16
115.2k
0.00
9
111.11k
-3.55
8
115.2k
0.00
5
TABLE 25-5:
BAUD RATES FOR ASYNCHRONOUS MODES (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com