Electronic Components Datasheet Search
  English  ▼

X  

SE38 Datasheet(PDF) 238 Page - Microchip Technology

Part # SE38
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SE38 Datasheet(HTML) 238 Page - Microchip Technology

Back Button SE38 Datasheet HTML 234Page - Microchip Technology SE38 Datasheet HTML 235Page - Microchip Technology SE38 Datasheet HTML 236Page - Microchip Technology SE38 Datasheet HTML 237Page - Microchip Technology SE38 Datasheet HTML 238Page - Microchip Technology SE38 Datasheet HTML 239Page - Microchip Technology SE38 Datasheet HTML 240Page - Microchip Technology SE38 Datasheet HTML 241Page - Microchip Technology SE38 Datasheet HTML 242Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 478 page
background image
PIC16(L)F1946/47
DS41414D-page 238
 2010-2012 Microchip Technology Inc.
23.5
Register Definitions: ECCP Control
REGISTER 23-1:
CCPxCON: CCPx CONTROL REGISTER
R/W-00
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
PxM<1:0>(1)
DCxB<1:0>
CCPxM<3:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Reset
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-6
PxM<1:0>: Enhanced PWM Output Configuration bits(1)
Capture mode:
Unused
Compare mode:
Unused
If CCPxM<3:2> = 00, 01, 10:
xx = PxA assigned as Capture/Compare input; PxB, PxC, PxD assigned as port pins
If CCPxM<3:2> = 11:
11 =
Full-Bridge output reverse; PxB modulated; PxC active; PxA, PxD inactive
10 =
Half-Bridge output; PxA, PxB modulated with dead-band control; PxC, PxD assigned as port pins
01 =
Full-Bridge output forward; PxD modulated; PxA active; PxB, PxC inactive
00 =
Single output; PxA modulated; PxB, PxC, PxD assigned as port pins
bit 5-4
DCxB<1:0>: PWM Duty Cycle Least Significant bits
Capture mode:
Unused
Compare mode:
Unused
PWM mode:
These bits are the two LSbs of the PWM duty cycle. The eight MSbs are found in CCPRxL.
bit 3-0
CCPxM<3:0>: ECCPx Mode Select bits
1011 = Compare mode: Special Event Trigger (ECCPx resets Timer, sets CCPxIF bit, starts A/D conversion if
A/D module is enabled)(1)
1010 = Compare mode: generate software interrupt only; ECCPx pin reverts to I/O state
1001 = Compare mode: initialize ECCPx pin high; clear output on compare match (set CCPxIF)
1000 = Compare mode: initialize ECCPx pin low; set output on compare match (set CCPxIF)
0111 = Capture mode: every 16th rising edge
0110 = Capture mode: every 4th rising edge
0101 = Capture mode: every rising edge
0100 = Capture mode: every falling edge
0011 = Reserved
0010 = Compare mode: toggle output on match
0001 = Reserved
0000 = Capture/Compare/PWM off (resets ECCPx module)
CCP4/CCP5 only:
11xx =PWM mode
ECCP1/ECCP2/ECCP3 only:
1111 = PWM mode: PxA, PxC active-low; PxB, PxD active-low
1110 = PWM mode: PxA, PxC active-low; PxB, PxD active-high
1101 = PWM mode: PxA, PxC active-high; PxB, PxD active-low
1100 = PWM mode: PxA, PxC active-high; PxB, PxD active-high
Note 1:
These bits are not implemented on CCP<5:4>.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com