Electronic Components Datasheet Search
  English  ▼

X  

SE38 Datasheet(PDF) 31 Page - Microchip Technology

Part # SE38
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SE38 Datasheet(HTML) 31 Page - Microchip Technology

Back Button SE38 Datasheet HTML 27Page - Microchip Technology SE38 Datasheet HTML 28Page - Microchip Technology SE38 Datasheet HTML 29Page - Microchip Technology SE38 Datasheet HTML 30Page - Microchip Technology SE38 Datasheet HTML 31Page - Microchip Technology SE38 Datasheet HTML 32Page - Microchip Technology SE38 Datasheet HTML 33Page - Microchip Technology SE38 Datasheet HTML 34Page - Microchip Technology SE38 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 31
PIC16(L)F1946/1947
TABLE 3-8:
PIC16(L)F1946/47 MEMORY
MAP, BANK 15
TABLE 3-9:
PIC16(L)F1946/47 MEMORY
MAP, BANK 31
Legend:
= Unimplemented data memory locations, read
as ‘0’.
Bank 15
791h
LCDCON
792h
LCDPS
793h
LCDREF
794h
LCDCST
795h
LCDRL
796h
—
797h
—
798h
LCDSE0
799h
LCDSE1
79Ah
LCDSE2
79Bh
LCDSE3
79Ch
LCDSE4
79Dh
LCDSE5
79Eh
—
79Fh
—
7A0h
LCDDATA0
7A1h
LCDDATA1
7A2h
LCDDATA2
7A3h
LCDDATA3
7A4h
LCDDATA4
7A5h
LCDDATA5
7A6h
LCDDATA6
7A7h
LCDDATA7
7A8h
LCDDATA8
7A9h
LCDDATA9
7AAh
LCDDATA10
7ABh
LCDDATA11
7ACh
LCDDATA12
7ADh
LCDDATA13
7AEh
LCDDATA14
7AFh
LCDDATA15
7B0h
LCDDATA16
7B1h
LCDDATA17
7B2h
LCDDATA18
7B3h
LCDDATA19
7B4h
LCDDATA20
7B5h
LCDDATA21
7B6h
LCDDATA22
7B7h
LCDDATA23
7B8h
Unimplemented
Read as ‘0’
7EFh
Legend:
= Unimplemented data memory locations, read
as ‘0’.
Bank 31
F8Ch
—
F8Dh
—
F8Eh
—
F8Fh
—
F90h
—
F91h
—
F92h
—
F93h
—
F94h
—
F95h
—
F96h
—
F97h
—
F98h
—
F99h
—
F9Ah
—
F9Bh
—
F9Ch
—
F9Dh
—
F9Eh
—
F9Fh
—
FA0h
—
FA1h
—
FA2h
—
FA3h
—
FA4h
—
FA5h
—
FA6h
—
FA7h
—
FA8h
—
FA9h
—
FAAh
—
FABh
—
FDFh
—
FC0h
—
FDFh
—
FE0h
—
FE1h
—
FE2h
—
FE3h
—
FE4h
STATUS_SHAD
FE5h
WREG_SHAD
FE6h
BSR_SHAD
FE7h
PCLATH_SHAD
FE8h
FSR0L_SHAD
FE9h
FSR0H_SHAD
FEAh
FSR1L_SHAD
FEBh
FSR1H_SHAD
FECh
—
FEDh
STKPTR
FEEh
TOSL
FEFh
TOSH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com