Electronic Components Datasheet Search
  English  ▼

X  

SE38 Datasheet(PDF) 337 Page - Microchip Technology

Part # SE38
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SE38 Datasheet(HTML) 337 Page - Microchip Technology

Back Button SE38 Datasheet HTML 333Page - Microchip Technology SE38 Datasheet HTML 334Page - Microchip Technology SE38 Datasheet HTML 335Page - Microchip Technology SE38 Datasheet HTML 336Page - Microchip Technology SE38 Datasheet HTML 337Page - Microchip Technology SE38 Datasheet HTML 338Page - Microchip Technology SE38 Datasheet HTML 339Page - Microchip Technology SE38 Datasheet HTML 340Page - Microchip Technology SE38 Datasheet HTML 341Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 337 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 337
PIC16(L)F1946/47
27.2
Register Definitions: Liquid Crystal Display (LCD) Control
REGISTER 27-1:
LCDCON: LIQUID CRYSTAL DISPLAY (LCD) CONTROL REGISTER
R/W-0/0
R/W-0/0
R/C-0/0
U-0
R/W-0/0
R/W-0/0
R/W-1/1
R/W-1/1
LCDEN
SLPEN
WERR
—
CS<1:0>
LMUX<1:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
C = Only clearable bit
bit 7
LCDEN:
LCD Driver Enable bit
1 = LCD driver module is enabled
0 = LCD driver module is disabled
bit 6
SLPEN:
LCD Driver Enable in Sleep Mode bit
1 = LCD driver module is disabled in Sleep mode
0 = LCD driver module is enabled in Sleep mode
bit 5
WERR:
LCD Write Failed Error bit
1 = LCDDATAn register written while the WA bit of the LCDPS register = 0 (must be cleared in
software)
0 = No LCD write error
bit 4
Unimplemented:
Read as ‘0’
bit 3-2
CS<1:0>:
Clock Source Select bits
00 = FOSC/256
01 = T1OSC (Timer1)
1x = LFINTOSC (31 kHz)
bit 1-0
LMUX<1:0>:
Commons Select bits
LMUX<1:0>
Multiplex
Maximum Number of Pixels
Bias
PIC16F1946/47/
PIC16LF1946/47
00
Static (COM0)
46
Static
01
1/2 (COM<1:0>)
92
1/2 or 1/3
10
1/3 (COM<2:0>)
138
1/2 or 1/3
11
1/4 (COM<3:0>)
184
1/3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com