Electronic Components Datasheet Search
  English  ▼

X  

SEG17 Datasheet(PDF) 1 Page - Microchip Technology

Part # SEG17
Description  64-Pin 8-Bit Flash Microcontroller Product Brief
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEG17 Datasheet(HTML) 1 Page - Microchip Technology

  SEG17 Datasheet HTML 1Page - Microchip Technology SEG17 Datasheet HTML 2Page - Microchip Technology SEG17 Datasheet HTML 3Page - Microchip Technology SEG17 Datasheet HTML 4Page - Microchip Technology SEG17 Datasheet HTML 5Page - Microchip Technology SEG17 Datasheet HTML 6Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2008 Microchip Technology Inc.
Advance Information
DS41366A-page 1
High-Performance RISC CPU:
• Only 49 Instructions to Learn
• Operating Speed:
- DC – 32 MHz clock input
- DC – 125 ns instruction cycle
• Interrupt Capability with Automatic Context
Saving
• 16-Level Deep Hardware Stack with Optional
Overflow/Underflow Reset
• Direct, Indirect and Relative Addressing modes:
- Two full 16-bit File Select Registers (FSRs)
- FSRs can read program and data memory
Special Microcontroller Features:
• Precision Internal Oscillator:
- Factory calibrated to ±1%, typical
- Software selectable frequency range from
32 MHz to 31 kHz
• 31 kHz Low-Power Internal Oscillator
• External Oscillator Block with:
- 4 crystal/resonator modes up to 32 MHz
- 3 external clock modes up to 32 MHz
• 4x Phase Locked Loop (PLL)
• Fail-Safe Clock Monitor
• Two-Speed Start-up
• Power-Saving Sleep mode
• Power-on Reset (POR)
• Power-up Timer (PWRT)
• Oscillator Start-up Timer (OST)
• Brown-out Reset (BOR) with Selectable Trip Point
• Extended Watch-Dog Timer (WDT)
• In-Circuit Serial Programming™ (ICSP™) via two
pins
• In-Circuit Debug (ICD) via Two Pins
• Enhanced Low-Voltage Programming (LVP)
• Operating Voltage Range:
- 1.8V to 3.6V (PIC16LF194X)
- 1.8V to 5.5V (PIC16F194X)
• Programmable Code Protection
• Self-Programmable under Software Control
Low-Power Features:
• Standby Current (PIC16LF194X):
- 100 nA @ 1.8V, typical
• Operating Current (PIC16LF194X):
-150
μA @ 1 MHz, 1.8V, typical
• Low-Power Watchdog Timer Current
(PIC16LF194X):
-1.0
μA @ 1.8V, typical
Peripheral Features:
• Integrated LCD Controller:
- Up to 184 segments
- Variable clock input
- Contrast control
- Internal voltage reference selections
• Up to 53 I/O Pins and 1 Input-only Pin:
- High current sink/source for LED drivers
- Individually programmable interrupt-on-
change pins
- Individually programmable weak pull-ups
• Timer0: 8-Bit Timer/Counter with 8-Bit
Programmable Prescaler
• Enhanced Timer1:
- 16-bit timer/counter with prescaler
- External Gate Input mode
- Dedicated low-power 32 kHz oscillator driver
• Timer2, 4, 6: 8-Bit Timer/Counter with 8-Bit Period
Register, Prescaler and Postscaler
• Two Capture/Compare/PWM modules (CCP):
- Software selectable time bases
• Three Enhanced Capture, Compare, PWM
modules (ECCP):
- Software selectable time bases
- Auto-shutdown and auto-restart
- PWM steering
• Two Master Synchronous Serial Ports (MSSP)
with SPI and I2CTM with:
- 7-bit address masking
- SMBus/PMBusTM compatibility
• Two Enhanced Universal Synchronous Asynchro-
nous Receiver Transmitters (EUSART):
- RS-232, RS-485 and LIN compatible
- Auto-Baud Detect
- Auto-wake-up on start
• SR Latch (Integrated 555 Timer):
- Multiple Set/Reset input options
•
Analog-to-Digital Converter (ADC):
- 10-bit resolution
- Up to 17 channels
• 3 Comparators:
- Rail-to-rail inputs/outputs
- Power mode control
- Software controllable hysteresis
• Voltage Reference module:
- Fixed Voltage Reference (FVR) with 1.024V,
2.048V and 4.096V output levels
- 5-bit rail-to-rail resistive DAC with positive
and negative reference selection
• mTouch™ Oscillator Module
- 17 channels for button, sensor, or slider input
64-Pin 8-Bit Flash Microcontroller Product Brief
PIC16F194X/16LF194X


Similar Part No. - SEG17

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SEG10FG VISHAY-SEG10FG Datasheet
119Kb / 6P
Surface-Mount Standard Rectifiers
Revision: 11-Jun-2024
More results

Similar Description - SEG17

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5554 FREESCALE-MPC5554 Datasheet
150Kb / 12P
MPC5554 Microcontroller Product Brief
logo
Microchip Technology
PIC12F510 MICROCHIP-PIC12F510 Datasheet
1Mb / 114P
8/14-Pin, 8-Bit Flash Microcontroller
2006
PIC16F85 MICROCHIP-PIC16F85 Datasheet
69Kb / 4P
18/20 Pin, 8-Bit CMOS FLASH Microcontroller with Comparators and A/D Product Brief
2001
PIC12F510 MICROCHIP-PIC12F510_07 Datasheet
1Mb / 116P
8/14-Pin, 8-Bit Flash Microcontroller
2007
PIC12F519 MICROCHIP-PIC12F519 Datasheet
1Mb / 88P
8-Pin, 8-Bit Flash Microcontroller
2007
PIC16F526 MICROCHIP-PIC16F526 Datasheet
1Mb / 122P
14-Pin, 8-Bit Flash Microcontroller
2010
PIC12F615 MICROCHIP-PIC12F615_05 Datasheet
177Kb / 4P
8/14-Pin, 8-Bit Flash Microcontroller Product Brief
2005
PIC12LF1501 MICROCHIP-PIC12LF1501 Datasheet
129Kb / 10P
8/14/20-Pin, 8-Bit Flash Microcontrollers Product Brief
2011
PIC16F570 MICROCHIP-PIC16F570 Datasheet
2Mb / 134P
28-Pin, 8-Bit Flash Microcontroller
11/29/12 2013
PIC16F527 MICROCHIP-PIC16F527_12 Datasheet
2Mb / 120P
20-Pin, 8-Bit Flash Microcontroller
11/29/11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com