Electronic Components Datasheet Search
  English  ▼

X  

K2CM-1LS Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # K2CM-1LS
Description  Solid-state Relay Enables Choice of Three Operating Functions (Overcurrent, Openphase, and Reverse-phase)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K2CM-1LS Datasheet(HTML) 4 Page - Omron Electronics LLC

  K2CM-1LS Datasheet HTML 1Page - Omron Electronics LLC K2CM-1LS Datasheet HTML 2Page - Omron Electronics LLC K2CM-1LS Datasheet HTML 3Page - Omron Electronics LLC K2CM-1LS Datasheet HTML 4Page - Omron Electronics LLC K2CM-1LS Datasheet HTML 5Page - Omron Electronics LLC K2CM-1LS Datasheet HTML 6Page - Omron Electronics LLC K2CM-1LS Datasheet HTML 7Page - Omron Electronics LLC K2CM-1LS Datasheet HTML 8Page - Omron Electronics LLC K2CM-1LS Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
K2CM
4
Connections
■ Voltage Reverse-phase Detection Models
Terminal Arrangement
• Perform the external connections by referring to the examples given below.
• Obtain the control power supply from the same phase as the power supply to
the magnet contactor coil.
• Connect the phase advancing capacitors closer to the power supply than the
current transformer, as shown in the examples.
• Tighten the terminal screws to a torque of 0.98 N·m max. (The appropriate
tightening torque is 0.49 to 0.67 N·m.)
• Use of insulated solderless terminals is recommended for connection to the
Relay terminals (M3.5).
Note: 1. In principle, the K2CM must be surface mounted with the terminal
block facing downward.
2. Use M5 screws with spring washers and flat washers for mounting.
Tighten the screws to a torque of 1.77 N·m max. (The appropriate
tightening torque is 1.08 to 1.57 N·m.)
Manual Operation Low-voltage Circuit
Manual Operating Low-voltage Circuit (
Start)
Manual Operation Low-voltage Circuit (High-
capacity Motor)
Automatic Operation Low-voltage Circuit
Manual Operation High-voltage Circuit
Note: Connect the phase advancing capacitor on the power supply
side of the Motor Protective Relay as shown in the above dia-
grams.
Ta
Tc Tb U
V
W
Output contacts
(SPDT)
Control power
supply
200 VAC
50/60Hz
RS
T
Stop
Start
Phase
advancing
capacitor
Alarm
buzzer
BZ
Magnet
contactor
R
U
A
1
S
V
B
2
T
W
C
3
Ta
Tc Tb
U
V
W
Motor protective relay
Motor
M
RS
T
BZ
R
U
A
1
S
V
B
2
T
W
C
3
Ta
Tc Tb
U
V
W
M
changeover
200 VAC
50/60Hz
Stop
Start
Phase
advancing
capacitor
Alarm
buzzer
Magnet
contactor
Motor protective relay
RS
T
Current converter for
measuring device
@/5A
BZ
R
U
A
1
S
V
B
2
T
W
C
3
Ta
Tc Tb
U
V
W
Motor
M
200 VAC
50/60Hz
Stop
Start
Phase advancing
capacitor
Alarm
buzzer
Magnet
contactor
Motor protective relay
RS
T
Automatic
contact
BZ
R
U
A
1
S
V
B
2
T
W
C
3
Ta
Tc Tb
U
V
W
M
Motor
200 VAC
50/60Hz
Phase advancing
capacitor
Alarm
buzzer
Magnet
contactor
Motor protective relay
3, 300 VAC
50/60Hz
RS
T
X/a
Auxiliary
relay
BZ
R
U
A
1
S
V
B
2
T
W
C
3
Ta
Tc Tb
U
V
W
High-voltage
motor
M
X
Transformer
@/200V
High-tension
fuse
Current converter for
measuring device
@/5A
Stop
Start
Phase advancing
capacitor
Alarm
buzzer
High-voltage
magnet contactor
Motor protective relay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16