Electronic Components Datasheet Search
  English  ▼

X  

HCS473 Datasheet(PDF) 51 Page - Microchip Technology

Part # HCS473
Description  KEELOQ짰 3-Axis Transcoder
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS473 Datasheet(HTML) 51 Page - Microchip Technology

Back Button HCS473_13 Datasheet HTML 47Page - Microchip Technology HCS473_13 Datasheet HTML 48Page - Microchip Technology HCS473_13 Datasheet HTML 49Page - Microchip Technology HCS473_13 Datasheet HTML 50Page - Microchip Technology HCS473_13 Datasheet HTML 51Page - Microchip Technology HCS473_13 Datasheet HTML 52Page - Microchip Technology HCS473_13 Datasheet HTML 53Page - Microchip Technology HCS473_13 Datasheet HTML 54Page - Microchip Technology HCS473_13 Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 68 page
background image
 2000-2013 Microchip Technology Inc.
Preliminary
DS40035D-page 51
HCS473
TABLE 7-2:
TRANSPONDER CHARACTERISTICS
RPD
Internal Pull-down Resistance
D100
S0 - S3
40
75
100
K
If enabled
Data EEPROM Memory
D120
ED
Endurance
200K
1000K
—
E/W
25
C at 5V
D121
VDRW
VDD for Read/Write
2.05
—
5.5
V
D122
TDEW
Erase/Write Cycle Time(1)
—4
10
ms
*
These parameters are characterized but not tested.
†
"Typ" column data is at 5.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are
not tested.
Note 1: The supply current is mainly a function of the operating voltage and frequency. Other factors such as I/O pin load-
ing and switching rate, oscillator type, internal code execution pattern, and temperature also have an impact on the
current consumption.
2: Should operate down to VBOR but not tested below 2.0V.
3: The test conditions for all IDD measurements in active Operation mode are: all I/O pins tristated, pulled to VDD.
MCLR = VDD; WDT enabled/disabled as specified. The power-down/shutdown current in SLEEP mode does not
depend on the oscillator frequency. Power-down current is measured with the part in SLEEP mode, with all I/O pins
in hi-impedance state and tied to VDD or VSS. The
 current is the additional current consumed when the WDT is
enabled. This current should be added to the base IDD or IPD measurement.
DC Characteristics
All pins except power supply pins
Standard Operating Conditions (unless otherwise stated)
Operating Temperature
0
C  TA  +70C (Commercial)
-20
C  TA  +85C (Industrial)
2.05V < VDD < 5.5V
Symbol
Symbol
Min
Typ(1)
Max
Unit
Conditions
Vlcc
LC input clamp voltage
—
10
—
V
ILC < 1mA
VDDTV
LC induced output voltage
—
3.5
—
V
10 V < VLCC, IDD = 2 mA
fC
Carrier frequency
—
125
—
kHz
VLCS
LC Input Sensitivity
—
—
15
18
30
35
mVRMS
VDD = 5.5V
VDD = 3.0V
VLCC
LCCOM Output Voltage
—
600
—
mV
ILCCOM = 0 mA
Note:
These parameters are characterizied but not tested.
TABLE 7-1:
DC CHARACTERISTICS: HCS473 (CONTINUED)
DC Characteristics
All pins except power supply pins
Standard Operating Conditions (unless otherwise stated)
Operating Temperature
0
C  TA  +70C (Commercial)
-20
C  TA  +85C (Industrial)
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com