Electronic Components Datasheet Search
  English  ▼

X  

K2CM-Q2LS Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # K2CM-Q2LS
Description  Solid-state Relay Enables Choice of Three Operating Functions (Overcurrent, Openphase, and Reverse-phase)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K2CM-Q2LS Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button K2CM-Q2LS Datasheet HTML 7Page - Omron Electronics LLC K2CM-Q2LS Datasheet HTML 8Page - Omron Electronics LLC K2CM-Q2LS Datasheet HTML 9Page - Omron Electronics LLC K2CM-Q2LS Datasheet HTML 10Page - Omron Electronics LLC K2CM-Q2LS Datasheet HTML 11Page - Omron Electronics LLC K2CM-Q2LS Datasheet HTML 12Page - Omron Electronics LLC K2CM-Q2LS Datasheet HTML 13Page - Omron Electronics LLC K2CM-Q2LS Datasheet HTML 14Page - Omron Electronics LLC K2CM-Q2LS Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
K2CM
11
Dimensions
Note: All units are in millimeters unless otherwise indicated.
Surface-mounting Models
Operating Procedures
■ Operation, Setting, and Indication
Based on the current value of the motor to be used, perform the setting of each item of the K2CM Motor Protective Relay.
List of Current Settings (when using a 200-VAC motor)
*
The squares (
@) represent the symbols defined under Model Number Legend.
**
The rated current is the current at full load.
*** Supply: Low-voltage 3-phase basket type inductive motor, full-load characteristics of 200 VAC, 4-pole, totally-enclosed.
Note: When using a large-capacity or high-voltage motor whose capacity is 45 kW or more, calculate the rated current/alternating current ratio by
converting with the alternating current ratio of the external current transformer.
Type*
K2CM-
@@LS@
K2CM-
@@L@
K2CM-
@@M@
K2CM-
@@H@
Number of passes
11
2
4
8
1
1
Setting
Time scale value
2 to 8
8 to 26
20 to 65
50 to 160
Current setting range (A)
2 to 8
8 to 26
4 to 13 2 to 6.5 1 to 3.25
20 to 65
50 to 160
Motor*** Rated output (kW) Rated current (A)**
0.2
1.8
0.4
2.8
0.75
4.2
1.5
7.3
2.2
10
3.7
16.1
5.5
24
7.5
32
11
45
15
61
18.5
74
22
87
30
117
37
143.0
126
80
6
60
46.5
120
11
33
55
52
11.5
4
48.5
15
Six, M3 terminal screws
33.5
33.5
36
Three, 20-dia. holes
80
±0.5
52
±0.5
Four, 6-dia. mounting holes or
four, M5 mounting-screw holes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com