Electronic Components Datasheet Search
  English  ▼

X  

MCP4531 Datasheet(PDF) 72 Page - Microchip Technology

Part # MCP4531
Description  7/8-Bit Single/Dual I2C Digital POT with Nonvolatile Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4531 Datasheet(HTML) 72 Page - Microchip Technology

Back Button MCP4531 Datasheet HTML 68Page - Microchip Technology MCP4531 Datasheet HTML 69Page - Microchip Technology MCP4531 Datasheet HTML 70Page - Microchip Technology MCP4531 Datasheet HTML 71Page - Microchip Technology MCP4531 Datasheet HTML 72Page - Microchip Technology MCP4531 Datasheet HTML 73Page - Microchip Technology MCP4531 Datasheet HTML 74Page - Microchip Technology MCP4531 Datasheet HTML 75Page - Microchip Technology MCP4531 Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 102 page
background image
MCP454X/456X/464X/466X
DS22107B-page 72
 2008-2013 Microchip Technology Inc.
Figure 8-8 shows possible layout implementations for
an application to support the quad and dual options on
the same PCB.
FIGURE 8-8:
Layout to Support Quad and
Dual Devices.
8.5.2.3
PCB Area Requirements
In some applications, PCB area is a criteria for device
selection. Table 8-2 shows the package dimensions
and area for the different package options. The table
also shows the relative area factor compared to the
smallest area. For space critical applications, the QFN
package would be the suggested package.
TABLE 8-2:
PACKAGE FOOTPRINT (1)
8.5.3
RESISTOR TEMPCO
Characterization curves of the resistor temperature
coefficient
(Tempco)
are
shown
in
Figure 2-10,
Figure 2-21, Figure 2-32, and Figure 2-43.
These curves show that the resistor network is
designed to correct for the change in resistance as
temperature increases. This technique reduces the
end-to-end change in RAB resistance.
8.5.4
HIGH VOLTAGE TOLERANT PINS
High Voltage support (VIHH) on the Serial Interface pins
supports
user
configuration
of
the
Nonvolatile
EEPROM, Write Protect, and WiperLock feature.
Potentiometers Devices
Rheostat Devices
MCP44X1
MCP46X1
MCP44X2
MCP46X2
Package
Package Footprint
Type
Dimensions
(mm)
XY
8
MSOP
MS
3.00
4.90
14.70
1.63
DFN (3x3)
MF
3.00
3.00
9.00
1
10
MSOP
UN
3.00
4.90
14.70
1.63
DFN (3x3)
MF
3.00
3.00
9.00
1
14 TSSOP
ST
5.10
6.40
32.64
3.62
QFN (4x4)
ML
4.00
4.00
16.00
1.78
16
TSSOP
(2)
ST
6.60
6.40
42.24
3.63
QFN (4x4)
(2)
ML
4.00
4.00
16.00
1.78
Note 1: Does not include recommended land
pattern dimensions.
2: These packages are for the Quad output
devices (MCP44x1).
Note:
In many applications, the High Voltage will
only be present at the manufacturing
stage so as to “lock” the Nonvolatile wiper
value (after calibration) and the contents
of the EEPROM. This ensures that since
High Voltage is not present under normal
operating conditions, that these values
can not be modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com