Electronic Components Datasheet Search
  English  ▼

X  

MCP6481 Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP6481
Description  4 MHz, Low-Input Bias Current Op Amps
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6481 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP6481 Datasheet HTML 6Page - Microchip Technology MCP6481 Datasheet HTML 7Page - Microchip Technology MCP6481 Datasheet HTML 8Page - Microchip Technology MCP6481 Datasheet HTML 9Page - Microchip Technology MCP6481 Datasheet HTML 10Page - Microchip Technology MCP6481 Datasheet HTML 11Page - Microchip Technology MCP6481 Datasheet HTML 12Page - Microchip Technology MCP6481 Datasheet HTML 13Page - Microchip Technology MCP6481 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
MCP6481/2/4
DS20002322C-page 10
 2012-2013 Microchip Technology Inc.
Note: Unless otherwise indicated, TA =+25°C, VDD = +2.2V to +5.5V, VSS = GND, VCM =VDD/2, VOUT  VDD/2,
VL =VDD/2, RL =10kto VL and CL =20 pF.
FIGURE 2-19:
Gain Bandwidth Product,
Phase Margin vs. Ambient Temperature.
FIGURE 2-20:
Gain Bandwidth Product,
Phase Margin vs. Ambient Temperature.
FIGURE 2-21:
Output Short Circuit Current
vs. Power Supply Voltage.
FIGURE 2-22:
Output Voltage Swing vs.
Frequency.
FIGURE 2-23:
Output Voltage Headroom
vs. Output Current.
FIGURE 2-24:
Output Voltage Headroom
vs. Output Current.
30
40
50
60
70
3
4
5
6
7
Gain Bandwidth Product
Phase Margin
0
10
20
0
1
2
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
V
DD = 2.2V
30
40
50
60
70
3
4
5
6
7
Gain Bandwidth Product
Phase Margin
0
10
20
0
1
2
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
V
DD = 5.5V
-20
-10
0
10
20
30
40
50
60
12 °C
-40°C
+25°C
+85°C
+125°C
-60
-50
-40
-30
Power Supply Voltage (V)
+125°C
+85°C
+25°C
-40°C
1
10
V
DD = 2.2V
V
DD = 5.5V
0.1
100
1000
10000
100000
1000000
10000000
Frequency (Hz)
100
1k
10k
100k
1M
10M
1
10
100
1000
V
DD -VOH
V
OL -VSS
V
DD = 2.2V
0.1
1
0.01
0.1
1
10
Output Current (mA)
1
10
100
1000
V
DD -VOH
V
OL -VSS
V
DD = 5.5V
0.1
1
0.01
0.1
1
10
100
Output Current (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com