Electronic Components Datasheet Search
  English  ▼

X  

MCP73855 Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP73855
Description  USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73855 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP73855 Datasheet HTML 13Page - Microchip Technology MCP73855 Datasheet HTML 14Page - Microchip Technology MCP73855 Datasheet HTML 15Page - Microchip Technology MCP73855 Datasheet HTML 16Page - Microchip Technology MCP73855 Datasheet HTML 17Page - Microchip Technology MCP73855 Datasheet HTML 18Page - Microchip Technology MCP73855 Datasheet HTML 19Page - Microchip Technology MCP73855 Datasheet HTML 20Page - Microchip Technology MCP73855 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
 2004-2013 Microchip Technology Inc.
DS21915C-page 17
MCP73853/55
6.0
APPLICATIONS
The MCP7385X devices are designed to operate in
conjunction with a host microcontroller or in stand-
alone applications. The MCP7385X devices provide
the preferred charge algorithm for Li-Ion/Li-Polymer
cells. The algorithm uses a constant current followed
by a constant voltage charging method. Figure 6-1
depicts a typical stand-alone application circuit, while
Figure 6-2 and Figure 6-3 depict the accompanying
charge profile.
FIGURE 6-1:
Typical Application Circuit.
FIGURE 6-2:
Typical Charge Profile.
EN
STAT1
VSET
VSS3
VDD1
VDD2
VSS2
TIMER
PROG
VBAT3
VBAT2
VBAT1
CTIMER
RPROG
RT1
RT2
+
-
Single
Lithium-Ion
Cell
VSS1
1
2
3
4
MCP73853
14
15
16
5678
9
10
11
12
13
Regulated Wall Cube
or
USB Power Bus
Regulation
Voltage
(VREG)
Regulation
Current
(IREG)
Transition
Threshold
(VPTH)
Precondition
Current
(IPREG)
Precondition
Safety Timer
Fast Charge
Safety Timer
Elapsed Time
Termination Timer
Charge
Voltage
Preconditioning
Mode
Constant-current
Mode
Constant-voltage
Mode
Charge
Current
Termination
Current
(ITERM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com