Electronic Components Datasheet Search
  English  ▼

X  

MRF24WB0MB Datasheet(PDF) 1 Page - Microchip Technology

Part # MRF24WB0MB
Description  MRF24WB0MA/MRF24WB0MB Data Sheet 2.4 GHz IEEE 802.11b?
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24WB0MB Datasheet(HTML) 1 Page - Microchip Technology

  MRF24WB0MB Datasheet HTML 1Page - Microchip Technology MRF24WB0MB Datasheet HTML 2Page - Microchip Technology MRF24WB0MB Datasheet HTML 3Page - Microchip Technology MRF24WB0MB Datasheet HTML 4Page - Microchip Technology MRF24WB0MB Datasheet HTML 5Page - Microchip Technology MRF24WB0MB Datasheet HTML 6Page - Microchip Technology MRF24WB0MB Datasheet HTML 7Page - Microchip Technology MRF24WB0MB Datasheet HTML 8Page - Microchip Technology MRF24WB0MB Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
 2010-2013 Microchip Technology Inc.
DS70632C-page 1
MRF24WB0MA/MRF24WB0MB
Features
• IEEE 802.11-compliant RF Transceiver
• Serialized unique MAC address
• Data Rate: 1 and 2 Mbps
• Compatible with IEEE 802.11b/g/n networks
• Small size: 21 mm x 31 mm 36-pin Surface Mount
Module
• Integrated PCB antenna (MRF24WB0MA)
• External antenna option (MRF24WB0MB) with
ultra miniature coaxial (UFL) connector
• Range: up to 400m (1300 ft.)
• Easy integration into final product – accelerates
product development, provides quicker time to
market
• Radio regulation certification for United States
(FCC), Canada (IC), Europe (ETSI) and Japan
(ARIB)
•Wi-Fi® certified (WFA ID: WFA7150)
• Designed for use with Microchip microcontroller
families (PIC18, PIC24, dsPIC33, and PIC32) with
downloadable Microchip TCP/IP Stack
Operational
• Single operating voltage: 2.7V–3.6V (3.3V typical)
• Temperature Range: -40° C to +85° C
• Simple, four-wire SPI interface with interrupt
• Low-current consumption:
- RX mode – 85 mA (typical)
- TX mode – 154 mA (+10 dBm typical)
- Sleep – 250 µA (typical)
- Hibernate – <0.1 µA (typical)
RF/Analog Features
• ISM Band 2.400–2.484 GHz operation
• 14 Channels selectable individually or domain-
restricted
• DSSS Modulation
• Data Rate – 1000 kbps
• -91 dBm Typical sensitivity at 1 Mbps
• +10 dBm Typical output power with control
• Integrated low phase noise VCO, RF frequency
synthesizer, PLL loop filter and PA
• Digital VCO and filter calibration
• Integrated RSSI ADC and I/Q DACs, RSSI
readings available to host
• Balanced receiver and transmitter characteristics
for low power consumption
MAC/Baseband Features
• Hardware CSMA/CA access control, automatic
ACK, and FCS creation and checking
• Automatic MAC packet retransmit
• Hardware Security Engine for AES and
RC4-based ciphers
• Supports 802.1x, 802.1i security: WEP,
WPA-PSK, and WPA-2-PSK.
• Supports Infrastructure, ad hoc
Applications
• Utility and Smart Energy
- Thermostats
- Smart Meters
-HVAC
• Consumer Electronics
- Remote Control
- Internet Radio
• Industrial Controls
- Chemical Sensors
-HVAC
- Security Systems
- M2M Communication
• Remote Device Management
- Location and Asset Tracking
- Automotive
• Retail
- POS Terminals
- Wireless Price Tags
- Digital Remote
• Medical, Fitness, and Health care
- Patient Asset Tracking
Note:
For products that are intended for use with
any Access Point, it is recommended to
use MRF24WG0MA/MB.
MRF24WB0MA/MRF24WB0MB Data Sheet
2.4 GHz IEEE 802.11b™


Similar Part No. - MRF24WB0MB

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MRF24WB0MB MICROCHIP-MRF24WB0MB Datasheet
530Kb / 34P
2.4 GHz, IEEE Std. 802.11b??RF Transceiver Module
2010
MRF24WB0MB/RM MICROCHIP-MRF24WB0MB/RM Datasheet
530Kb / 34P
2.4 GHz, IEEE Std. 802.11b??RF Transceiver Module
2010
More results

Similar Description - MRF24WB0MB

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL9224 ANADIGICS-AWL9224 Datasheet
260Kb / 12P
2.4 GHz 802.11b/g WLAN Power Amplifier
Rev 1.3
logo
Microchip Technology
MRF24WB0MA MICROCHIP-MRF24WB0MA Datasheet
530Kb / 34P
2.4 GHz, IEEE Std. 802.11b??RF Transceiver Module
2010
MRF24WG0MA MICROCHIP-MRF24WG0MA_12 Datasheet
657Kb / 38P
MRF24WG0MA/MB Data Sheet 2.4 GHz IEEE 802.11b/g?
2012 11/29/11
MRF24WN0MA MICROCHIP-MRF24WN0MA Datasheet
1Mb / 36P
2.4 GHz IEEE 802.11b/g/n Wireless Module
07/14/15
RN1810 MICROCHIP-RN1810 Datasheet
1Mb / 36P
2.4 GHz IEEE 802.11b/g/n Wireless Module
07/14/15
logo
Cypress Semiconductor
CYW43364 CYPRESS-CYW43364 Datasheet
5Mb / 68P
Single-band 2.4 GHz IEEE 802.11b/g/n
logo
Anaren Microwave
A2530E24X ANAREN-A2530E24X Datasheet
1Mb / 34P
2.4 GHz IEEE 802.15.4 compliant
logo
Microchip Technology
MRF24WG0MA MICROCHIP-MRF24WG0MA Datasheet
657Kb / 38P
MRF24WG0MA/MB Data Sheet 2.4 GHz IEEE 802.11b/g?
11/29/11
RN1810 MICROCHIP-RN1810_17 Datasheet
1Mb / 34P
2.4 GHz IEEE 802.11b/g/n Wireless Module
11/07/16
logo
Broadcom Corporation.
BCM5356 BOARDCOM-BCM5356 Datasheet
142Kb / 2P
IEEE 802.11b/g and SINGLE-STREAM IEEE 802.11n 2.4 GHz ROUTER WITH ACCELERANGE™ TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com