Electronic Components Datasheet Search
  English  ▼

X  

ZB6DA2 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # ZB6DA2
Description  Harmony??XB6/ZB6 16 mm push buttons
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ZB6DA2 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button ZB6DA2 Datasheet HTML 16Page - List of Unclassifed Manufacturers ZB6DA2 Datasheet HTML 17Page - List of Unclassifed Manufacturers ZB6DA2 Datasheet HTML 18Page - List of Unclassifed Manufacturers ZB6DA2 Datasheet HTML 19Page - List of Unclassifed Manufacturers ZB6DA2 Datasheet HTML 20Page - List of Unclassifed Manufacturers ZB6DA2 Datasheet HTML 21Page - List of Unclassifed Manufacturers ZB6DA2 Datasheet HTML 22Page - List of Unclassifed Manufacturers ZB6DA2 Datasheet HTML 23Page - List of Unclassifed Manufacturers ZB6DA2 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
20
Non-Illuminated Operators – Heads for Push Buttons
(To combine with complete bodies and contact blocks, see page 18)
Type of Push
Color
Rectangular
Square
Round
Reference
Reference
Reference
Flush, spring return
White
ZB6DA1
ZB6CA1
ZB6AA1
Black
ZB6DA2
ZB6CA2
ZB6AA2
Green
ZB6DA3
ZB6CA3
ZB6AA3
Red
ZB6DA4
ZB6CA4
ZB6AA4
Yellow
ZB6DA5
ZB6CA5
ZB6AA5
Blue
ZB6DA6
ZB6CA6
ZB6AA6
6 colors (1)
ZB6DA9
ZB6CA9
ZB6AA9
(1) Five different color caps included with head (white, green, red, yellow, and blue).
Non-Illuminated Operators – Mushroom Heads for Trigger Action Push Buttons
(30 mm) (2)
Shape of Head
Type of Push
Cap Color
Reference
Turn-to-release
Red
ZB6AS834
Key release
Red
ZB6AS934
(2) Complies with EN418/ISO13850 standards for Emergency Stop push buttons when used with circular Legend Plate ZB6Y7330 (see page 24).
Non-Illuminated Operators – Circular Legends, 45 mm
Description
Color
Text
Reference
Circular legends, 45 mm
Yellow
Blank
ZB6Y7001
Emergency stop
ZB6Y7330
Heads for Non-Illuminated Selector Switches (3) (5)
(To combine with complete bodies and contact blocks, see page 18)
Number and Type of Positions
Color of
Handle
Rectangular
Square
Round
Reference
Reference
Reference
Switching angle: maintained positions 60°, spring return positions 45°
2-maintained
Black
ZB6DD22
ZB6CD22
ZB6AD22
2-maintained
Black
ZB6DD28 (4)
ZB6CD28 (4)
ZB6AD28 (4)
3-maintained
Black
ZB6DD23
ZB6CD23
ZB6AD23
2-spring return to center
Black
ZB6DD24
ZB6CD24
ZB6AD24
3-spring return to center
Black
ZB6DD25
ZB6CD25
ZB6AD25
3-spring return from right to center
Black
ZB6DD26
ZB6CD26
ZB6AD26
3-spring return from left to center
Black
ZB6DD27
ZB6CD27
ZB6AD27
(3) For bodies with 2 contact blocks, maximum.
(4) Switching angle: maintained positions 90º.
(5) See selector switch sequence charts on page 17.
For Legends, see pages 22 and 24.
ZB6DA•
ZB6CA•
ZB6AA•
ZB6Y7330
ZB6DD••
ZB6CD••
ZB6AD••
Harmony™ XB6/ZB6
16 mm push buttons
Non-illuminated operators and selector switches
References (continued)
Product range:
page 5
Specifications:
page 10
Assembled products:
page 12
Dimensions:
page 25
ZB6AS834
ZB6AS934
This document provided by Barr-Thorp Electric Co., Inc. 800-473-9123 www.barr-thorp.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com