Electronic Components Datasheet Search
  English  ▼

X  

ADE7953ACPZ-RL Datasheet(PDF) 59 Page - Analog Devices

Part # ADE7953ACPZ-RL
Description  Single Phase, Multifunction Metering IC with Neutral Current Measurement
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7953ACPZ-RL Datasheet(HTML) 59 Page - Analog Devices

Back Button ADE7953ACPZ-RL Datasheet HTML 55Page - Analog Devices ADE7953ACPZ-RL Datasheet HTML 56Page - Analog Devices ADE7953ACPZ-RL Datasheet HTML 57Page - Analog Devices ADE7953ACPZ-RL Datasheet HTML 58Page - Analog Devices ADE7953ACPZ-RL Datasheet HTML 59Page - Analog Devices ADE7953ACPZ-RL Datasheet HTML 60Page - Analog Devices ADE7953ACPZ-RL Datasheet HTML 61Page - Analog Devices ADE7953ACPZ-RL Datasheet HTML 62Page - Analog Devices ADE7953ACPZ-RL Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 68 page
background image
Data Sheet
ADE7953
Rev. A | Page 59 of 68
Table 12. Registers Included in the Checksum
Configuration and Control Registers
Calibration Registers
Register Name
Address
Register Name
Address
LCYCMODE
0x004
AIGAIN
0x280 and 0x380
PGA_V
0x007
VGAIN
0x281 and 0x381
PGA_IA
0x008
AWGAIN
0x282 and 0x382
PGA_IB
0x009
AVARGAIN
0x283 and 0x383
CONFIG
0x102
AVAGAIN
0x284 and 0x384
CF1DEN
0x103
AIOS
0x285 and 0x385
CF2DEN
0x104
AIRMSOS
0x286 and 0x386
CFMODE
0x107
VOS
0x287 and 0x387
PHCALA
0x108
VRMSOS
0x288 and 0x388
PHCALB
0x109
AWATTOS
0x289 and 0x389
ALT_OUTPUT
0x110
AVAROS
0x28A and 0x38A
ACCMODE
0x201 and 0x301
AVAOS
0x28B and 0x38B
IRQENA
0x22C and 0x32C
BIGAIN
0x28C and 0x38C
IRQENB
0x22F and 0x32F
Reserved
0x28D and 0x38D
BWGAIN
0x28E and 0x38E
BVARGAIN
0x28F and 0x38F
BVAGAIN
0x290 and 0x390
BIOS
0x291 and 0x391
BIRMSOS
0x292 and 0x392
Reserved
0x293 and 0x393
Reserved
0x294 and 0x394
BWATTOS
0x295 and 0x395
BVAROS
0x296 and 0x396
BVAOS
0x297 and 0x397



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com