Electronic Components Datasheet Search
  English  ▼

X  

0805 Datasheet(PDF) 2 Page - AVX Corporation

Part # 0805
Description  For 600V to 3000V Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

0805 Datasheet(HTML) 2 Page - AVX Corporation

  0805 Datasheet HTML 1Page - AVX Corporation 0805 Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
92
VOLTAGE
0805
1206
1210
1808
1812
1825
2220
2225
600/630
min.
10pF
10 pF
100 pF
100 pF
100 pF
1000 pF
1000 pF
1000 pF
max.
330pF
1200 pF
2700 pF
3300 pF
5600 pF
0.012 μF
0.012 μF
0.018 μF
min.
10pF
10 pF
10 pF
100 pF
100 pF
100 pF
1000 pF
1000 pF
1000
max.
180pF
560 pF
1500 pF
2200 pF
3300 pF
8200 pF
0.010 μF
0.010 μF
min.
—
10 pF
10 pF
10 pF
10 pF
100 pF
100 pF
100 pF
1500
max.
—
270 pF
680 pF
820 pF
1800 pF
4700 pF
4700 pF
5600 pF
min.
—
10 pF
10 pF
10 pF
10 pF
100 pF
100 pF
100 pF
2000
max.
—
120 pF
270 pF
330 pF
1000 pF
1800 pF
2200 pF
2700 pF
min.
—
—
—
10 pF
10 pF
10 pF
100 pF
100 pF
2500
max.
—
—
—
180 pF
470 pF
1200 pF
1500 pF
1800 pF
min.
—
—
—
10 pF
10 pF
10 pF
10 pF
10 pF
3000
max.
—
—
—
120 pF
330 pF
820 pF
1000 pF
1200 pF
min.
—
—
—
10 pF
10 pF
10 pF
10 pF
10 pF
4000
max.
—
—
—
47 pF
150 pF
330 pF
470 pF
560 pF
min.
—
—
—
—
—
—
10 pF
10 pF
5000
max.
—
—
—
—
—
—
220 pF
270 pF
HIGH VOLTAGE C0G CAPACITANCE VALUES
HIGH VOLTAGE X7R MAXIMUM CAPACITANCE VALUES
X7R Dielectric
Performance Characteristics
Capacitance Range
10 pF to 0.018 μF
(25°C, 1.0 ±0.2 Vrms at 1kHz, for ≤ 1000 pF use 1 MHz)
Capacitance Tolerances
±5%, ±10%, ±20%
Dissipation Factor
0.1% max. (+25°C, 1.0 ±0.2 Vrms, 1kHz, for ≤ 1000 pF use 1 MHz)
Operating Temperature Range
-55°C to +125°C
Temperature Characteristic
0 ±30 ppm/°C (0 VDC)
Voltage Ratings
600, 630, 1000, 1500, 2000, 2500, 3000, 4000 & 5000 VDC (+125°C)
Insulation Resistance (+25°C, at 500 VDC)
100K MΩ min. or 1000 MΩ - μF min., whichever is less
Insulation Resistance (+125°C, at 500 VDC)
10K MΩ min. or 100 MΩ - μF min., whichever is less
Dielectric Strength
Minimum 120% rated voltage for 5 seconds at 50 mA max. current
Capacitance Range
10 pF to 0.33 μF (25°C, 1.0 ±0.2 Vrms at 1kHz)
Capacitance Tolerances
±10%; ±20%; +80%, -20%
Dissipation Factor
2.5% max. (+25°C, 1.0 ±0.2 Vrms, 1kHz)
Operating Temperature Range
-55°C to +125°C
Temperature Characteristic
±15% (0 VDC)
Voltage Ratings
600, 630, 1000, 1500, 2000, 2500, 3000, 4000 & 5000 VDC (+125°C)
Insulation Resistance (+25°C, at 500 VDC)
100K MΩ min. or 1000 MΩ - μF min., whichever is less
Insulation Resistance (+125°C, at 500 VDC)
10K MΩ min. or 100 MΩ - μF min., whichever is less
Dielectric Strength
Minimum 120% rated voltage for 5 seconds at 50 mA max. current
High Voltage MLC Chips FLEXITERM
®
For 600V to 5000V Applications
VOLTAGE
0805
1206
1210
1808
1812
1825
2220
2225
600/630
min.
100pF
1000 pF
1000 pF
1000 pF
1000 pF
0.010 μF
0.010 μF
0.010 μF
max.
6800pF
0.022 μF
0.056 μF
0.068 μF
0.120 μF
0.270 μF
0.270 μF
0.330 μF
min.
100pF
100 pF
1000 pF
1000 pF
1000 pF
1000 pF
1000 pF
1000 pF
1000
max.
1500pF
6800 pF
0.015 μF
0.018 μF
0.039 μF
0.100 μF
0.120 μF
0.150 μF
min.
—
100 pF
100 pF
100 pF
100 pF
1000 pF
1000 pF
1000 pF
1500
max.
—
2700 pF
5600 pF
6800 pF
0.015 μF
0.056 μF
0.056 μF
0.068 μF
min.
—
10 pF
100 pF
100 pF
100 pF
100 pF
1000 pF
1000 pF
2000
max.
—
1500 pF
3300 pF
2300 pF
8200 pF
0.022 μF
0.027 μF
0.033 μF
min.
—
—
—
10 pF
10 pF
100 pF
100 pF
100 pF
2500
max.
—
—
—
2200 pF
5600 pF
0.015 μF
0.018 μF
0.022 μF
min.
—
—
—
10 pF
10 pF
100 pF
100 pF
100 pF
3000
max.
—
—
—
1800 pF
2200 pF
0.010 pF
0.012 μF
0.015 μF
C0G Dielectric
Performance Characteristics



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com