Electronic Components Datasheet Search
  English  ▼

X  

LM258 Datasheet(PDF) 4 Page - ON Semiconductor

Part # LM258
Description  Single Supply Dual Operational Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM258 Datasheet(HTML) 4 Page - ON Semiconductor

  LM258 Datasheet HTML 1Page - ON Semiconductor LM258 Datasheet HTML 2Page - ON Semiconductor LM258 Datasheet HTML 3Page - ON Semiconductor LM258 Datasheet HTML 4Page - ON Semiconductor LM258 Datasheet HTML 5Page - ON Semiconductor LM258 Datasheet HTML 6Page - ON Semiconductor LM258 Datasheet HTML 7Page - ON Semiconductor LM258 Datasheet HTML 8Page - ON Semiconductor LM258 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LM258, LM358, LM358A, LM2904, LM2904A, LM2904V, NCV2904, NCV2904V
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (VCC = 5.0 V, VEE = GND, TA = 25°C, unless otherwise noted.)
Characteristic
Symbol
LM258
LM358
LM358A
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Input Offset Voltage
VCC = 5.0 V to 30 V, VIC = 0 V to VCC −1.7 V,
VO ] 1.4 V, RS = 0 W
VIO
mV
TA = 25°C
−
2.0
5.0
−
2.0
7.0
−
2.0
3.0
TA = Thigh (Note 5)
−
−
7.0
−
−
9.0
−
−
5.0
TA = Tlow (Note 5)
−
−
7.0
−
−
9.0
−
−
5.0
Average Temperature Coefficient of Input Offset
Voltage
DVIO/DT
−
7.0
−
−
7.0
−
−
7.0
−
mV/°C
TA = Thigh to Tlow (Note 5)
Input Offset Current
IIO
−
3.0
30
−
5.0
50
−
5.0
30
nA
TA = Thigh to Tlow (Note 5)
−
−
100
−
−
150
−
−
75
Input Bias Current
IIB
−
−45
−150
−
−45
−250
−
−45
−100
TA = Thigh to Tlow (Note 5)
−
−50
−300
−
−50
−500
−
−50
−200
Average Temperature Coefficient of Input Offset
Current
DIIO/DT
−
10
−
−
10
−
−
10
−
pA/°C
TA = Thigh to Tlow (Note 5)
Input Common Mode Voltage Range (Note 6),
VCC = 30 V
VICR
0
−
28.3
0
−
28.3
0
−
28.5
V
VCC = 30 V, TA = Thigh to Tlow
0
−
28
0
−
28
0
−
28
Differential Input Voltage Range
VIDR
−
−
VCC
−
−
VCC
−
−
VCC
V
Large Signal Open Loop Voltage Gain
AVOL
V/mV
RL = 2.0 kW, VCC = 15 V, For Large VO Swing,
50
100
−
25
100
−
25
100
−
TA = Thigh to Tlow (Note 5)
25
−
−
15
−
−
15
−
−
Channel Separation
CS
−
−120
−
−
−120
−
−
−120
−
dB
1.0 kHz ≤ f ≤ 20 kHz, Input Referenced
Common Mode Rejection
CMR
70
85
−
65
70
−
65
70
−
dB
RS ≤ 10 kW
Power Supply Rejection
PSR
65
100
−
65
100
−
65
100
−
dB
Output Voltage−High Limit
TA = Thigh to Tlow (Note 5)
VOH
V
VCC = 5.0 V, RL = 2.0 kW, TA = 25°C
3.3
3.5
−
3.3
3.5
−
3.3
3.5
−
VCC = 30 V, RL = 2.0 kW
26
−
−
26
−
−
26
−
−
VCC = 30 V, RL = 10 kW
27
28
−
27
28
−
27
28
−
Output Voltage−Low Limit
VOL
−
5.0
20
−
5.0
20
−
5.0
20
mV
VCC = 5.0 V, RL = 10 kW,
TA = Thigh to Tlow (Note 5)
Output Source Current
IO +
mA
VID = +1.0 V, VCC = 15 V
20
40
−
20
40
−
20
40
−
TA = Thigh to Tlow (LM358A Only)
10
−
−
Output Sink Current
IO −
VID = −1.0 V, VCC = 15 V
10
20
−
10
20
−
10
20
−
mA
TA = Thigh to Tlow (LM358A Only)
5.0
−
−
mA
VID = −1.0 V, VO = 200 mV
12
50
−
12
50
−
12
50
−
mA
Output Short Circuit to Ground (Note 7)
ISC
−
40
60
−
40
60
−
40
60
mA
Power Supply Current (Total Device)
TA = Thigh to Tlow (Note 5)
ICC
mA
VCC = 30 V, VO = 0 V, RL = ∞
−
1.5
3.0
−
1.5
3.0
−
1.5
2.0
VCC = 5 V, VO = 0 V, RL = ∞
−
0.7
1.2
−
0.7
1.2
−
0.7
1.2
5. LM258: Tlow = −25°C, Thigh = +85°C
LM358, LM358A: Tlow = 0°C, Thigh = +70°C
LM2904/LM2904A: Tlow = −40°C, Thigh = +105°C
LM2904V & NCV2904: Tlow = −40°C, Thigh = +125°C
NCV2904 and NCV2904V are qualified for automotive use. NCV2904V: Tlow = −40°C, Thigh = +150°C
6. The input common mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3 V. The upper end of
the common mode voltage range is VCC − 1.7 V.
7. Short circuits from the output to VCC can cause excessive heating and eventual destruction. Destructive dissipation can result from
simultaneous shorts on all amplifiers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com