Electronic Components Datasheet Search
  English  ▼

X  

LM358 Datasheet(PDF) 10 Page - ON Semiconductor

Part # LM358
Description  Single Supply Dual Operational Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM358 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button LM358 Datasheet HTML 6Page - ON Semiconductor LM358 Datasheet HTML 7Page - ON Semiconductor LM358 Datasheet HTML 8Page - ON Semiconductor LM358 Datasheet HTML 9Page - ON Semiconductor LM358 Datasheet HTML 10Page - ON Semiconductor LM358 Datasheet HTML 11Page - ON Semiconductor LM358 Datasheet HTML 12Page - ON Semiconductor LM358 Datasheet HTML 13Page - ON Semiconductor LM358 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
LM258, LM358, LM358A, LM2904, LM2904A, LM2904V, NCV2904, NCV2904V
http://onsemi.com
10
ORDERING INFORMATION
Device
Operating Temperature Range
Package
Shipping†
LM358ADR2G
0°C to +70°C
SOIC−8
(Pb−Free)
2500 / Tape & Reel
LM358DG
98 Units / Rail
LM358DR2G
2500 / Tape & Reel
LM358DMR2G
Micro8
(Pb−Free)
4000 / Tape & Reel
LM358NG
PDIP−8
(Pb−Free)
50 Units / Rail
LM258DG
−25°C to +85°C
SOIC−8
(Pb−Free)
98 Units / Rail
LM258DR2G
2500 / Tape & Reel
LM258DMR2G
Micro8
(Pb−Free)
4000 / Tape & Reel
LM258NG
PDIP−8
(Pb−Free)
50 Units / Rail
LM2904DG
−40°C to +105°C
SOIC−8
(Pb−Free)
98 Units / Rail
LM2904DR2G
2500 / Tape & Reel
LM2904DMR2G
Micro8
(Pb−Free)
2500 / Tape & Reel
LM2904NG
PDIP−8
(Pb−Free)
50 Units / Rail
LM2904ADMG
Micro8
(Pb−Free)
4000 / Tape & Reel
LM2904ADMR2G
4000 / Tape & Reel
LM2904ANG
PDIP−8
(Pb−Free)
50 Units / Rail
LM2904VDG
−40°C to +125°C
SOIC−8
(Pb−Free)
98 Units / Rail
LM2904VDR2G
2500 / Tape & Reel
LM2904VDMR2G
Micro8
(Pb−Free)
4000 / Tape & Reel
LM2904VNG
PDIP−8
(Pb−Free)
50 Units / Rail
NCV2904DR2G
SOIC−8
(Pb−Free)
2500 / Tape & Reel
NCV2904DMR2G
Micro8
(Pb−Free)
4000 / Tape & Reel
NCV2904VDR2G
−40°C to +150°C
SOIC−8
(Pb−Free)
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com