Electronic Components Datasheet Search
  English  ▼

X  

DS68 Datasheet(PDF) 1 Page - Lumileds Lighting Company

Part # DS68
Description  LUXEON Rebel and LUXEON Rebel ES Color Portfolio
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS68 Datasheet(HTML) 1 Page - Lumileds Lighting Company

  DS68 Datasheet HTML 1Page - Lumileds Lighting Company DS68 Datasheet HTML 2Page - Lumileds Lighting Company DS68 Datasheet HTML 3Page - Lumileds Lighting Company DS68 Datasheet HTML 4Page - Lumileds Lighting Company DS68 Datasheet HTML 5Page - Lumileds Lighting Company DS68 Datasheet HTML 6Page - Lumileds Lighting Company DS68 Datasheet HTML 7Page - Lumileds Lighting Company DS68 Datasheet HTML 8Page - Lumileds Lighting Company DS68 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
LUXEON® Rebel and LUXEON® Rebel ES
LUXEON Rebel and
LUXEON Rebel ES
Color Portfolio
Illuminating
your creativity
Technical Datasheet DS68
Introduction
With leading light output, color stability, flux density, and clear saturated colors, the
LUXEON® Rebel Color Portfolio of emitters is ideal for a wide variety of lighting,
signaling, signage and entertainment applications. Every LUXEON Rebel Color Portfolio
emitter has built-in quality, reliability, lumen maintenance and the ease of manufacturing
needed to create a superior high quality light.
Using the information in this document you can begin designing applications to your
unique specifications.
Use LUXEON Rebel Color Portfolio to
• deliver more usable light and higher flux density
• optimize applications to reduce size and cost
• tightly pack the LEDs for color mixing
• engineer more robust applications
• utilize standard FR4 PCB technology
• simplify manufacturing through the use of surface mount technology
• recognized under the Component Recognition Program of Underwriters
Laboratories Inc. UL listing E327436.
Color Portfolio


Similar Part No. - DS68

ManufacturerPart #DatasheetDescription
logo
Apex Electronics Co., L...
DS6 APEX-ELECTRONICS-DS6 Datasheet
627Kb / 3P
4.2*3.6mm detector switch, SMT, normal close or open
DS6-BPC APEX-ELECTRONICS-DS6-BPC Datasheet
627Kb / 3P
4.2*3.6mm detector switch, SMT, normal close or open
DS6-FNC APEX-ELECTRONICS-DS6-FNC Datasheet
627Kb / 3P
4.2*3.6mm detector switch, SMT, normal close or open
logo
Dallas Semiconductor
DS60 DALLAS-DS60 Datasheet
56Kb / 4P
Micro-Centigrade Temperature Sensor
logo
Lumileds Lighting Compa...
DS60 LUMILEDS-DS60 Datasheet
655Kb / 26P
power LED
More results

Similar Description - DS68

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
OPC1-1-COL DIALIGHT-OPC1-1-COL Datasheet
175Kb / 2P
LUMILEDS LUXEON REBEL 11MM REFLECTIVE OPTIC
OPC1-1-SPOT DIALIGHT-OPC1-1-SPOT Datasheet
209Kb / 2P
LUMILEDS LUXEON REBEL ADHESIVE-BACKED LENS
logo
Lumileds Lighting Compa...
LXML-PR02 LUMILEDS-LXML-PR02 Datasheet
2Mb / 34P
LUXEON Rebel and LUXEON Rebel ES
LXML-PX02-0000 LUMILEDS-LXML-PX02-0000 Datasheet
2Mb / 31P
LUXEON Rebel and LUXEON Rebel ES
logo
List of Unclassifed Man...
LXML-PWC1-0090 ETC2-LXML-PWC1-0090_14 Datasheet
2Mb / 26P
LUXEON Rebel General Purpose White Portfolio
logo
Ledil, Inc.
CX11352 LEDIL-CX11352 Datasheet
2Mb / 4P
~8째 spot beam optimized for LUXEON Rebel.
CX11354 LEDIL-CX11354 Datasheet
4Mb / 4P
~30째 medium beam optimized for LUXEON Rebel
CA12443 LEDIL-CA12443 Datasheet
6Mb / 9P
~15째 smooth spot beam optimized for LUXEON Rebel ES
CA12530 LEDIL-CA12530 Datasheet
5Mb / 11P
~10째 diffused spot beam optimized for LUXEON Rebel ES
CA12538 LEDIL-CA12538 Datasheet
5Mb / 11P
~30째 wide beam optimized for LUXEON Rebel ES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com