Electronic Components Datasheet Search
  English  ▼

X  

1825 Datasheet(PDF) 2 Page - AVX Corporation

Part # 1825
Description  For 600V to 5000V Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

1825 Datasheet(HTML) 2 Page - AVX Corporation

  1825 Datasheet HTML 1Page - AVX Corporation 1825 Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
94
VOLTAGE
1825
2225
3640
600/630
min.
1000 pF
1000 pF
1000 pF
max.
0.012 μF
0.018 μF
0.047 μF
min.
100 pF
1000 pF
1000 pF
1000
max.
8200 pF
0.010 μF
0.022 μF
min.
100 pF
100 pF
100 pF
1500
max.
4700 pF
5600 pF
0.010 μF
min.
100 pF
100 pF
100 pF
2000
max.
1800 pF
2700 pF
6800 pF
min.
10 pF
100 pF
100 pF
2500
max.
1200 pF
1800 pF
3900 pF
min.
10 pF
10 pF
100 pF
3000
max.
8200 pF
1200 pF
2700 pF
min.
10 pF
10 pF
100 pF
4000
max.
330 pF
560 pF
1200 pF
min.
—
10 pF
10 pF
5000
max.
—
270 pF
820 pF
HIGH VOLTAGE C0G CAPACITANCE VALUES
HIGH VOLTAGE X7R MAXIMUM CAPACITANCE VALUES
X7R Dielectric
Performance Characteristics
Capacitance Range
10 pF to 0.047 μF
(25°C, 1.0 ±0.2 Vrms at 1kHz, for ≤ 1000 pF use 1 MHz)
Capacitance Tolerances
±5%, ±10%, ±20%
Dissipation Factor
0.15% max. (+25°C, 1.0 ±0.2 Vrms, 1kHz, for ≤ 1000 pF use 1 MHz)
Operating Temperature Range
-55°C to +125°C
Temperature Characteristic
0 ±30 ppm/°C (0 VDC)
Voltage Ratings
600, 630, 1000, 1500, 2000, 2500, 3000, 4000 & 5000 VDC (+125°C)
Insulation Resistance (+25°C, at 500 VDC)
100K MΩ min. or 1000 MΩ - μF min., whichever is less
Insulation Resistance (+125°C, at 500 VDC)
10K MΩ min. or 100 MΩ - μF min., whichever is less
Dielectric Strength
Minimum 120% rated voltage for 5 seconds at 50 mA max. current
Capacitance Range
100 pF to 0.56 μF (25°C, 1.0 ±0.2 Vrms at 1kHz)
Capacitance Tolerances
±10%; ±20%; +80%, -20%
Dissipation Factor
2.5% max. (+25°C, 1.0 ±0.2 Vrms, 1kHz)
Operating Temperature Range
-55°C to +125°C
Temperature Characteristic
±15% (0 VDC)
Voltage Ratings
600, 630, 1000, 1500, 2000, 2500, 3000, 4000 & 5000 VDC (+125°C)
Insulation Resistance (+25°C, at 500 VDC)
100K MΩ min. or 1000 MΩ - μF min., whichever is less
Insulation Resistance (+125°C, at 500 VDC)
10K MΩ min. or 100 MΩ - μF min., whichever is less
Dielectric Strength
Minimum 120% rated voltage for 5 seconds at 50 mA max. current
High Voltage MLC Leaded Chips
For 600V to 5000V Applications
C0G Dielectric
Performance Characteristics
VOLTAGE
1825
2225
3640
600/630
min.
0.010 μF
0.010 μF
0.010 μF
max.
0.270 μF
0.330 μF
0.560 μF
min.
1000 pF
1000 pF
0.010 μF
1000
max.
0.100 μF
0.150 μF
0.220 μF
min.
1000 pF
1000 pF
1000 pF
1500
max.
0.056 μF
0.068 μF
0.100 μF
min.
100 pF
1000 pF
1000 pF
2000
max.
0.022 μF
0.033 μF
0.027 μF
min.
100 pF
100 pF
1000 pF
2500
max.
0.015 μF
0.022 μF
0.022 μF
min.
100 pF
100 pF
1000 pF
3000
max.
0.010 μF
0.015 μF
0.018 μF
min.
—
—
100 pF
4000
max.
—
—
6800 pF
min.
—
—
100 pF
5000
max.
—
—
3300 pF



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com