Electronic Components Datasheet Search
  English  ▼

X  

8074-2 Datasheet(PDF) 1 Page - AVX Corporation

Part # 8074-2
Description  Type L Vertical Male for Backplanes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

8074-2 Datasheet(HTML) 1 Page - AVX Corporation

  8074-2 Datasheet HTML 1Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
44
Type L Vertical Male for Backplanes
Series 8074
• 6 power or coax contact cavities
• Center cavity with prealignment guides and keying option
• See pages 52 and 53 for keying options
• Supplied with locating pegs for secure P.C. board mounting
• This connector can be used by itself or in conjunction with B, C,
or M connectors
• Power and coax contacts are ordered separately
• See pages 54 and 55 for available contacts
61 8074 006 001 007 = Type L 6 position power connector with polarizing key, (housing only)
6.25
7.5
7.5
7.5
2.0
15.4
3.7 Max.
RECOMMENDED P.C. BOARD LAYOUT
(COMPONENT SIDE)
7.5
6.25
4.5
3.0
13.45
5.5
6.25
7.5
7.5
7.5
7.5
6.25
7.5
10.0
10.0
49.9
0
-0.2
7.5
10.0
7.5
7.5
10.0
5.5
4.5
0.1
0.1
6 - Ø5.9 +0.2
HOLE
-0
Ø2.0 +0.05
-0
(COMPONENT SIDE)
RECOMMENDED P.C. BOARD LAYOUT


Similar Part No. - 8074-2

ManufacturerPart #DatasheetDescription
logo
RAF ELECTRONIC HARDWARE
8074-440-A RAF-8074-440-A Datasheet
85Kb / 1P
ROUND INTERNAL THREAD HANDLE
More results

Similar Description - 8074-2

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCA-6103P2V-0A1 ADVANTECH-PCA-6103P2V-0A1 Datasheet
173Kb / 1P
Passive Backplanes
PCA-6104-0C2E ADVANTECH-PCA-6104-0C2E Datasheet
131Kb / 1P
PCI/ISA Backplanes
PCA-6108P3X-0A1 ADVANTECH-PCA-6108P3X-0A1 Datasheet
150Kb / 1P
Passive Backplanes
PCE-5B06V-04A1E ADVANTECH-PCE-5B06V-04A1E Datasheet
678Kb / 1P
Mainstream Backplanes
PCE-5B06V-00A1E ADVANTECH-PCE-5B06V-00A1E Datasheet
4Mb / 4P
2U Butterfly Backplanes
PCA-6103P2V-0A2E ADVANTECH-PCA-6103P2V-0A2E_11 Datasheet
4Mb / 4P
1U Butterfly Backplanes
logo
AVX Corporation
8072-1 AVX-8072-1 Datasheet
353Kb / 1P
Type A Vertical Female for Backplanes
8072-2 AVX-8072-2 Datasheet
342Kb / 1P
Type B Vertical Female for Backplanes
8075-2 AVX-8075-2 Datasheet
250Kb / 1P
Type M Vertical Male Feed-To for Backplanes
logo
Bel Fuse Inc.
BPD1002 BEL-BPD1002 Datasheet
1Mb / 15P
Backplanes BPD, BPF for T Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com