Electronic Components Datasheet Search
  English  ▼

X  

8077-2 Datasheet(PDF) 1 Page - AVX Corporation

Part # 8077-2
Description  Type E Right Angle Female for Daughter Cards
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

8077-2 Datasheet(HTML) 1 Page - AVX Corporation

  8077-2 Datasheet HTML 1Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
23
Type E Right Angle Female
for Daughter Cards
Series 8077
• 200 contacts in a 8 x 25 position configuration
• Designed for gas tight press-fit installation
• Available with or without upper ground return shield
• This connector should be used in conjunction with a Type D style
to ensure proper mating alignment
27 8077 200 000 863+ = Type E Right Angle Female without top shield
27 8077 200 010 863+ = Type E Right Angle Female with top shield
Plating Code
Contact Area
Press-fit Area
Under Coat
863
0.76µm min. Au
1.5-3.0µm Sn
1.2-3.0µm Ni
225 -Ø0.6
±0.05
2.0
±0.1 TYP.
2 x 24 = 48.0
±0.1
RECOMMENDED P.C. BOARD LAYOUT
(COMPONENT SIDE)
50.0 MAX.
2.0 TYP.
X
X
2 x 24 = 48.0
1.5 TYP.
1.5 x 9 = 10.5
1.8
1.75
LEAD-FREE COMPATIBLE
COMPONENT


Similar Part No. - 8077-2

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
8077-3 AVX-8077-3 Datasheet
301Kb / 1P
Type F Right Angle Female for Daughter Cards
More results

Similar Description - 8077-2

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2155DK MAXIM-DS2155DK Datasheet
3Mb / 21P
Single-Chip Transceiver Design Kit Daughter Cards
REV: 110106
logo
AVX Corporation
8072-3 AVX-8072-3 Datasheet
365Kb / 1P
Type A Right Angle Male for Daughter Cards
8072-5 AVX-8072-5 Datasheet
283Kb / 1P
Type C Right Angle Male for Daughter Cards
8077-3 AVX-8077-3 Datasheet
301Kb / 1P
Type F Right Angle Female for Daughter Cards
logo
List of Unclassifed Man...
246-21000-15 ETC2-246-21000-15 Datasheet
131Kb / 1P
Type E Female connector
logo
AVX Corporation
8071-1 AVX-8071-1 Datasheet
669Kb / 2P
Type AB Right Angle Female for Daughter Cards
logo
Adam Technologies, Inc.
HDVG-15-SL-B-SL ADAM-TECH-HDVG-15-SL-B-SL Datasheet
118Kb / 1P
D-SUB HD RIGHT ANGLE FEMALE VESA TYPE
HDVG-15-SL-C-SL ADAM-TECH-HDVG-15-SL-C-SL Datasheet
119Kb / 1P
D-SUB HD RIGHT ANGLE FEMALE VESA TYPE
HDVG15-SL-D ADAM-TECH-HDVG15-SL-D Datasheet
107Kb / 1P
D-SUB HD RIGHT ANGLE FEMALE VESA TYPE
logo
Wurth Elektronik GmbH &...
62910416121 WURTH-62910416121 Datasheet
452Kb / 2P
USB 2.0 B FEMALE RIGHT ANGLE SMD TYPE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com